Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100MXC1800M22X45 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 100MXC1800M22X45
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

100MXC1800M22X45 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  100MXC1800M22X45 Datasheet HTML 1Page - RUBYCON CORPORATION 100MXC1800M22X45 Datasheet HTML 2Page - RUBYCON CORPORATION 100MXC1800M22X45 Datasheet HTML 3Page - RUBYCON CORPORATION 100MXC1800M22X45 Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
WV
Cap
(μF)
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
◆STANDARD SIZE, RATED RIPPLE CURRENT
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
10
16
WV
Cap
(μF)
6800
5600
4700
3900
3300
2700
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
25
35
WV
Cap
(μF)
1800
1500
1200
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
50
63
20×25
20×30
20×30
20×35
20×40
20×25
20×30
20×35
20×40
22×25
22×30
22×35
22×40
22×45
22×50
22×25
22×30
22×30
22×35
22×40
22×45
25×30
25×30
25×35
25×40
25×45
25×25
25×30
25×30
25×35
25×40
25×45
30×25
30×30
30×30
30×35
30×40
30×45
35×30
35×35
35×40
35×45
30×25
30×30
30×30
30×35
30×40
30×45
35×30
35×35
35×40
35×45
35×50
20×25
20×30
20×35
20×40
20×25
20×30
20×30
20×35
20×40
22×25
22×30
22×30
22×35
22×40
22×45
22×25
22×30
22×35
22×40
22×45
22×50
25×25
25×30
25×35
25×40
25×50
25×30
25×25
25×30
25×35
25×40
25×45
25×50
30×25
30×30
30×30
30×35
30×40
30×50
35×30
35×35
35×40
35×45
35×50
30×25
30×30
30×35
30×40
30×45
30×50
35×35
35×30
35×35
35×40
35×50
20×30
20×25
20×35
20×40
20×35
20×30
20×25
20×40
22×25
22×30
22×35
22×40
22×45
22×50
22×35
22×35
22×30
22×25
22×45
22×50
25×25
25×30
25×30
25×35
25×40
25×25
25×30
25×40
25×35
25×45
25×50
30×25
30×30
30×35
30×40
30×45
30×50
35×35
35×40
35×50
30×25
30×30
30×35
30×35
30×40
30×50
35×35
35×30
35×40
35×45
35×50
1.31
1.88
1.59
2.18
2.27
1.77
2.10
2.23
2.41
1.80
2.08
2.15
2.31
2.15
2.08
2.31
2.68
2.58
3.17
2.10
25×25 1.94
2.34
2.54
3.07
3.20
3.36
22×50 3.85
2.31
2.68
3.20
3.36
3.39
2.25
2.50
2.95
3.33
3.85
4.30
25×50 4.81
3.20
3.36
3.85
4.30
3.70
4.22
3.21
3.68
4.16
5.00
4.81
5.53
30×50 6.00
4.30
4.81
5.53
6.00
6.40
1.65
1.85
2.11
2.34
1.85
2.11
2.34
2.34
2.65
1.29
1.57
1.78
1.78
2.02
2.13
2.02
2.13
2.41
2.81
3.13
2.65
2.81
3.13
3.56
2.85
3.05
2.13
2.41
2.85
3.05
4.04
2.81
3.13
3.56
4.04
3.37
3.72
4.74
5.50
4.04
4.74
5.50
5.80
6.30
2.85
3.05
3.37
3.37
3.72
4.37
4.92
3.72
4.37
4.92
5.30
1.60
1.39
1.73
1.97
1.73
1.60
1.97
2.22
1.58
1.47
1.20
1.82
1.58
1.47
1.82
2.11
2.33
2.43
2.75
1.73
1.97
2.22
2.55
1.82
2.11
2.33
2.55
2.97
2.43
2.75
25×45
25×50
3.30
3.60
2.43
2.75
3.30
3.60
4.05
3.22
2.33
2.55
2.97
3.22
4.56
4.05
35×30 3.60
4.56
4.77
3.65
4.04
3.22
3.65
4.04
4.48
4.75
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC
WV
Cap
(μF)
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
80
100
20×25
20×35
20×30
20×35
20×40
20×25
20×30
20×35
20×35
20×40
22×30
22×25
22×30
22×35
22×40
22×45
22×25
22×30
22×30
22×35
22×40
22×45
25×25
25×30
25×30
25×35
25×40
25×25
25×30
25×35
25×35
25×45
25×50
30×25
30×30
30×35
30×35
30×40
30×45
35×30
35×35
35×40
35×45
35×50
30×25
30×30
30×35
30×40
30×45
30×50
35×30
35×30
35×35
35×40
35×45
35×50
1.04
1.44
1.24
1.59
1.79
1.44
1.24
1.59
1.79
2.03
0.95
1.15
1.32
1.47
1.69
1.15
1.32
1.47
1.69
2.39
1.59
1.79
2.03
2.39
1.98
2.23
1.47
1.69
1.98
2.23
2.64
25×50 2.97
2.03
2.39
2.64
2.97
2.55
2.89
1.98
2.23
2.55
2.89
3.38
3.80
2.97
3.38
3.80
4.10
4.30
3.30
3.67
2.55
2.89
3.30
3.67
3.80
4.05


Similar Part No. - 100MXC1800M22X45

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
100MXG4700MEFCSN35X40 RUBYCON-100MXG4700MEFCSN35X40 Datasheet
198Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
100MXR3300M30X45 RUBYCON-100MXR3300M30X45 Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
100MXR3300M35X35 RUBYCON-100MXR3300M35X35 Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
100MXR3900M30X50 RUBYCON-100MXR3900M30X50 Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
100MXR3900M35X40 RUBYCON-100MXR3900M35X40 Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 100MXC1800M22X45

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com