Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G218BT-D3F Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G218BT-D3F
Description  Ultra160 Multi-mode LVD/SE SCSI Terminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G218BT-D3F Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G218BT-D3F Datasheet HTML 3Page - Global Mixed-mode Technology Inc G218BT-D3F Datasheet HTML 4Page - Global Mixed-mode Technology Inc G218BT-D3F Datasheet HTML 5Page - Global Mixed-mode Technology Inc G218BT-D3F Datasheet HTML 6Page - Global Mixed-mode Technology Inc G218BT-D3F Datasheet HTML 7Page - Global Mixed-mode Technology Inc G218BT-D3F Datasheet HTML 8Page - Global Mixed-mode Technology Inc G218BT-D3F Datasheet HTML 9Page - Global Mixed-mode Technology Inc G218BT-D3F Datasheet HTML 10Page - Global Mixed-mode Technology Inc G218BT-D3F Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Ver 1.4
Apr 07, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G218B
Global Mixed-mode Technology Inc.
SE Termination Resistance Rse - Vtpwr
@T=24ºC;Vline=0V
105
106
107
108
109
110
111
112
113
114
115
3.5
4.5
5.5
Vtpwr
SE Termination Resistance Rse - Vtpwr
@Vline=0V
105
106
107
108
109
110
111
112
113
114
115
-20
0
20
40
60
80
100
Temperature(ºC)
SE Termination Resistance Rse - Vtpwr
@Vtpwr=5V;T=24ºC
105
106
107
108
109
110
111
112
113
114
115
01
23
Vline
Vref - Ivref@Vtpwr=5V;T=24ºC
2.79
2.81
2.83
2.85
2.87
2.89
2.91
2.93
-250 -150
-50
50
150
250
350
Ivref(mA)
Vref - Temperature@Ivref=0mA
2.79
2.81
2.83
2.85
2.87
2.89
2.91
2.93
-20
0
20
40
60
80
100
Temperature(ºC)
Vref - Vtpwr@T=24ºC
2.79
2.81
2.83
2.85
2.87
2.89
2.91
2.93
3.5
4.5
5.5
6.5
Vtpwr
Vtpwr=3.8V
Vtpwr=5.8V
Vtpwr=5.8V
Vtpwr=3.8V
Ivref=350mA
Ivref=-200mA


Similar Part No. - G218BT-D3F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
G2180B1EB1S MICROSEMI-G2180B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180B1EN1S MICROSEMI-G2180B1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180C1EB1S MICROSEMI-G2180C1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180C1EN1S MICROSEMI-G2180C1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
G2180D1EB1S MICROSEMI-G2180D1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
More results

Similar Description - G218BT-D3F

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
S136-000 ETC2-S136-000 Datasheet
453Kb / 1P
   SCSI/Fibre Channel - SCSI Ultra160 LVD/SE Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
   Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com