Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMA-461 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FMA-461
Description  EMI INPUT FILTERS 28 VOLT INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMA-461 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FMA-461 Datasheet HTML 1Page - Interpoint Corporation Company FMA-461 Datasheet HTML 2Page - Interpoint Corporation Company FMA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMA-461 Datasheet HTML 6Page - Interpoint Corporation Company FMA-461 Datasheet HTML 7Page - Interpoint Corporation Company FMA-461 Datasheet HTML 8Page - Interpoint Corporation Company FMA-461 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
B5-5
FM-461 EMI FILTER
1.75 TO 5 AMP
EMI INPUT FILTERS
+Vin
+Vout
Input
Common
Output
Common
Case
R L
R L
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
The case ground connection should be as low an impedance as possible to minimize EMI. Direct contact of
baseplate to chassis ground provides the lowest impedance.
FIGURE 4: CONNECTION DIAGRAM
x3
x2
0.1
F
0.01
F
0.001
F
x2
x2
4.7
F
150
47 pF
1000 pF
50
1000 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMA-461
2.4
H
>150
H
FIGURE 2: SCHEMATIC
4.7
F
3300 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMB-461
3.5
H
9.4
F
0.65
3.5
H
50
47 pF
500V
P6KE47
18.8
F
FIGURE 3: SCHEMATIC


Similar Part No. - FMA-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMA-461 INTERPOINT-FMA-461 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
More results

Similar Description - FMA-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
FMGA-461 INTERPOINT-FMGA-461_15 Datasheet
349Kb / 14P
   FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com