Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VUO80 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VUO80
Description  Three Phase Rectifier Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUO80 Datasheet(HTML) 2 Page - IXYS Corporation

  VUO80 Datasheet HTML 1Page - IXYS Corporation VUO80 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
VUO 80
0.001
0.01
0.1
1
0
100
200
300
400
500
23
4
5 6 7 8 9
110
102
103
104
0.00.5
1.01.5
2.0
0
10
20
30
40
50
60
70
80
0
10203040
506070
80
0
50
100
150
200
0
20
40
60
80 100 120 140
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
2t
I
FSM
I
F
A
V
F
t
s
t
ms
P
tot
W
I
d(AV)M
A
T
amb
t
s
K/W
A
2s
0
20 40 60 80 100 120 140
0
20
40
60
80
100
I
d(AV)M
T
H
A
V
A
°C
°C
VUO 80
T
VJ = 45°C
50Hz, 80% V
RRM
V
R = 0 V
Fig. 1 Forward current versus voltage
drop per diode
Fig. 2 Surge overload current
Fig. 3 I2t versus time per diode
Fig. 4 Power dissipation versus direct output current and ambient temperature
Fig. 5 Max. forward current versus
heatsink temperature
Fig. 6 Transient thermal impedance junction to heatsink
Constants for Z
thJH calculation:
iR
thi (K/W)
t
i (s)
1
0.005
0.01
2
0.21
0.05
3
0.795
0.14
4
0.41
0.5
R
thHA :
0.5 K/W
1.0 K/W
1.5K/W
2.0 K/W
3.0 K/W
4.0 K/W
6.0 K/W
T
VJ = 150°C
T
VJ = 45°C
T
VJ=150°C
T
VJ= 25°C
T
VJ = 150°C
Z
thJH


Similar Part No. - VUO80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO80-18NO1 IXYS-VUO80-18NO1 Datasheet
299Kb / 5P
   Standard Rectifier Module(3~ Rectifier Bridge)
More results

Similar Description - VUO80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUC25-12GO2 IXYS-VUC25-12GO2 Datasheet
43Kb / 2P
   Three Phase Rectifier Bridge
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
   Three Phase Rectifier Bridge
VUO50 IXYS-VUO50 Datasheet
73Kb / 2P
   Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
   Three Phase Rectifier Bridge
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
   Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
   THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
   Three Phase Rectifier Bridge
VBO36-12NO8 IXYS-VBO36-12NO8 Datasheet
298Kb / 2P
   Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A_15 Datasheet
100Kb / 1P
   THREE PHASE BRIDGE RECTIFIER
RA0089 SSDI-RA0089_15 Datasheet
228Kb / 2P
   THREE PHASE BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MDS200 YANGJIE-MDS200 Datasheet
50Kb / 3P
   Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com