Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVSA2812D-XXX Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # DVSA2812D-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVSA2812D-XXX Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  DVSA2812D-XXX Datasheet HTML 1Page - Delta Electronics, Inc. DVSA2812D-XXX Datasheet HTML 2Page - Delta Electronics, Inc. DVSA2812D-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DVSA2812D-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DVSA2812D-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVSA2812D-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVSA2812D-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVSA2812D-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVSA2812D-XXX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DVSA2800D Series
1X002DSG
5
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load
5, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Junction Temperature Rise to Case
+10°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-65°C to +150°C
Output Power
1
6 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
2.5 Watts
Weight (Maximum)
15 Grams
DVSA2815D
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC
Load Step Output Transient
±VOUT
-
-
300
mVPK
Load Step Recovery
2
Half Load to Full Load
-
-
500
µSec
Line Step Output Transient
4
±VOUT
-
500
1200
mVPK
Line Step Recovery
2, 4
VIN = 16V to 40V
-
300
500
µSec
Turn On Delay
±VOUT
-
10
20
mSec
Turn On Overshoot
VIN = 0V to 28V
-
-
50
mVPK
Notes: 1. Dependant on output voltage.
2. Time for output voltage to settle within 1% of its nominal value.
3. Derate linearly to 0 at 135°C.
4. Verified by qualification testing.
5. Half load at +VOUT and half load at –VOUT.
6. Up to 70% of the total power or current can be drawn from any one of the two outputs.
7. 5% Load to Full Load at -55°C.


Similar Part No. - DVSA2812D-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVSA2812D VPT-DVSA2812D Datasheet
708Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2812DES VPT-DVSA2812DES Datasheet
708Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2812DH VPT-DVSA2812DH Datasheet
708Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2812DK VPT-DVSA2812DK Datasheet
708Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - DVSA2812D-XXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com