Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT1102V10.35F260C02 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CT1102V10.35F260C02
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CT1102V10.35F260C02 Datasheet(HTML) 1 Page - CIT Relay & Switch

  CT1102V10.35F260C02 Datasheet HTML 1Page - CIT Relay & Switch CT1102V10.35F260C02 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
SPECIFICATIONS
Electrical Ratings
50mA @ 48VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
100 +/- 50gF
160 +/- 30gF
260 +/- 50gF
Actuator Travel
.25 +/- .1mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
RoHS COMPLIANT
Actuator
6/6 Nylon
Housing
6/6 Nylon
Cover
Steel, Tin Plated
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
CT1102V
CT1102V
2. Actuator Length “L” (mm):
3.15
3.85
5.85
6.35
6.85
8.35
9.85
10.35
10.85
11.85
13.35
13.85
15.85
S2.4 Square actuator head
S2.8 Square actuator head
10.35
F100
3. Actuation Force:
F100 = 100gF
F160 = 160gF
F260 = 260gF
4. Cap Options:
Blank = No Cap
C01
C02
C03
C04
C05
Cap Colors:
** See Cap Options for color availability
** Caps available with S2.8 actuator only
CT1102V


Similar Part No. - CT1102V10.35F260C02

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CT1102VS CIT-CT1102VS Datasheet
172Kb / 2P
   CIT SWITCH
CT1102VS13.15F100 CIT-CT1102VS13.15F100 Datasheet
172Kb / 2P
   CIT SWITCH
CT1102VS13.15F130 CIT-CT1102VS13.15F130 Datasheet
172Kb / 2P
   CIT SWITCH
CT1102VS13.15F160 CIT-CT1102VS13.15F160 Datasheet
172Kb / 2P
   CIT SWITCH
CT1102VS13.15F260 CIT-CT1102VS13.15F260 Datasheet
172Kb / 2P
   CIT SWITCH
More results

Similar Description - CT1102V10.35F260C02

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com