Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVETR2812S-XXX Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DVETR2812S-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVETR2812S-XXX Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DVETR2812S-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DVETR2812S-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DVETR2812S-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVETR2812S-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVETR2812S-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVETR2812S-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVETR2812S-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVETR2812S-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVETR2812S-XXX Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DVETR2800S Series
1X031DSF
7
OUTPUT VOLTAGE TRIM
+
-
+
-
2.5V
Ri
100
10K
100
+V OUT
PIN 5
+S
PIN 6
-S
PIN 3
OUT COM
PIN 4
(TRIM UP)
R-TRIM
The output voltage can be trimmed up by
connecting a resistor between the +S pin
(PIN 6) and the OUT COM pin (PIN 4). The
maximum trim range is +10%. The
appropriate resistor values versus the
output voltage are given in the trim table
below. The –S pin should be connected to
the OUT COM pin.
Figure 6 – Output Voltage Trim
DVETR283R3S
DVETR2805S
DVETR285R2S
DVETR2812S
DVETR2815S
+VOUT (V)
RTRIM (Ω)
+VOUT (V)
RTRIM (Ω)
+VOUT (V)
RTRIM (Ω)
+VOUT (V)
RTRIM (Ω)
+VOUT (V)
RTRIM (Ω)
3.60
1.13k
5.50
1.05k
5.70
1.09k
13.2
1.09k
16.50
1.09k
3.55
1.36k
5.45
1.18k
5.65
1.22k
13.1
1.19k
16.40
1.18k
3.50
1.72k
5.40
1.33k
5.60
1.39k
13.0
1.33k
16.30
1.28k
3.45
2.32k
5.35
1.54k
5.55
1.60k
12.9
1.49k
16.20
1.4k
3.40
3.59k
5.30
1.82k
5.50
1.89k
12.8
1.7k
16.10
1.54k
3.35
7.87k
5.25
2.22k
5.45
2.31k
12.7
1.98k
16.00
1.71k
3.30
-
5.20
2.86k
5.40
2.97k
12.6
2.38k
15.90
1.94k
5.15
4k
5.35
4.16k
12.5
2.96k
15.80
2.22k
5.10
6.67k
5.30
6.93k
12.4
3.94k
15.70
2.61k
5.05
20k
5.25
20.8k
12.3
5.86k
15.60
3.16k
5.00
-
5.20
-
12.2
11.4k
15.50
4k
12.1
242k
15.40
5.46k
12.0
-
15.30
8.57k
15.20
20k
15.10
Note 1
15.00
-
Notes:
1. Connect R-TRIM = 400
Ω from +VOUT (PIN 5) to +S (PIN 6).


Similar Part No. - DVETR2812S-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVETR2812S VPT-DVETR2812S Datasheet
383Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
DVETR2812SFES VPT-DVETR2812SFES Datasheet
383Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
DVETR2812SFH VPT-DVETR2812SFH Datasheet
383Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
DVETR2812SFK VPT-DVETR2812SFK Datasheet
383Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results

Similar Description - DVETR2812S-XXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVETR2800D DELTA-DVETR2800D Datasheet
275Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
DVEHF2800T DELTA-DVEHF2800T Datasheet
226Kb / 11P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
logo
VPT, Inc.
DVETR2800D VPT-DVETR2800D Datasheet
1,001Kb / 17P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
DVETR2800S VPT-DVETR2800S Datasheet
383Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
DVEHF2800T VPT-DVEHF2800T Datasheet
366Kb / 12P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com