Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DV200-2805S-XXX Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DV200-2805S-XXX
Description  HIGH RELIABILITY DC-DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DV200-2805S-XXX Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DV200-2805S-XXX Datasheet HTML 1Page - Delta Electronics, Inc. DV200-2805S-XXX Datasheet HTML 2Page - Delta Electronics, Inc. DV200-2805S-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DV200-2805S-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DV200-2805S-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DV200-2805S-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DV200-2805S-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DV200-2805S-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DV200-2805S-XXX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DV200-2800S Series
15001DSF
3
SPECIFICATIONS (T
CASE = -55°C to +100°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Junction Temperature Rise to Case
+25°C
Input Voltage (Transient, 1 second)
4
55 Volts
Storage Temperature
-65°C to +135°C
Output Power
1,3
200 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +100°C)
44 Watts
Weight (Maximum)
115 Grams
DV200-2812S
DV200-2815S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
Continuous
16
28
50
16
28
50
V
INPUT
Voltage
5
Transient, 1 sec
4
-
-
55
-
-
55
V
Inhibited
-
6
10
-
6
10
mA
Current
No Load
-
20
50
-
20
50
mA
Ripple Current
Full Load, 20Hz to 10MHz
-
-
150
-
-
150
mAp-p
Inhibit Pin Input
4
To Disable Output
0
-
1.5
0
-
1.5
V
Inhibit Pin Open Circuit Voltage
4
8
9.5
11
8
9.5
11
V
UVLO Turn On
13.5
15
15.8
13.5
15
15.8
V
UVLO Turn Off
4
10.0
12.0
14.0
10.0
12.0
14.0
V
VOUT
TCASE = 25°C
11.88
12.0
12.12
14.85
15.0
15.15
V
OUTPUT
Voltage
VOUT
TCASE = -55°C to +100°C
11.82
12.0
12.18
14.775
15.0
15.225
V
VIN = 18V to 50V
0
-
175
0
-
200
W
Power
3
VIN = 16V to 18V
0
-
105
0
-
120
W
VIN = 18V to 50V
0
-
14.6
0
-
13.3
A
Current
3
IOUT
VIN = 16V to 18V
0
-
8.76
0
-
7.98
A
VOUT
Full Load, 10kHz to 10MHz
-
100
200
-
100
200
mVp-p
Ripple Voltage
VOUT
Full Load, 10kHz to 2MHz
-
5
30
-
5
30
mVp-p
Line Regulation
VOUT
VIN = 18V to 50V
-
10
100
-
10
100
mV
Load Regulation
VOUT
No Load to Full Load
-
10
120
-
10
120
mV
Voltage Trim
VOUT
Full Load
-20
-
10
-20
-
10
%
EFFICIENCY
Full Load
82
84
-
82
86
-
%
Overload
4
-
45
-
-
45
-
W
LOAD FAULT POWER DISSIPATION
Short Circuit
4
-
45
-
-
45
-
W
CAPACITIVE LOAD
4
-
-
1000
-
-
1000
µF
SWITCHING FREQUENCY
450
500
550
450
500
550
kHz
SYNC FREQUENCY RANGE
VH – VL = 5V
Duty Cycle = 20% - 80%
450
500
550
450
500
550
kHz
ISOLATION
500 VDC
100
-
-
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
GB @ TC = 55°C
-
955
-
-
955
-
kHrs
DYNAMIC
Load Step Output Transient
VOUT
-
550
1000
-
1000
1350
mVPK
Load Step Recovery
2
Half Load to Full Load
-
200
400
-
200
500
µSec
Line Step Output Transient
4
VOUT
-
1000
1200
-
1000
1200
mVPK
Line Step Recovery
2, 4
VIN = 18V to 40V
-
50
200
-
50
200
µSec
Turn On Delay
VOUT
-
20
30
-
20
30
mSec
Turn On Overshoot
VIN = 0V to 28V
-
-
50
-
-
50
mVPK
Notes: 1. Dependant on output voltage. 2. Time for output voltage to settle within 1% of its nominal value. 3. Derate linearly to 0 at 110°C.
4. Verified by qualification testing. 5. 100% output power available for VIN = 18V to 50V and only 60% output power available for VIN = 16V to 18V.


Similar Part No. - DV200-2805S-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-2805S VPT-DV200-2805S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DV200-2805S-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-2800D VPT-DV200-2800D Datasheet
200Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
List of Unclassifed Man...
DV200-2800D ETC-DV200-2800D Datasheet
198Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DVST2800T VPT-DVST2800T Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVST2800T DELTA-DVST2800T Datasheet
260Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D DELTA-DV200-27000D Datasheet
190Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-2800S VPT-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVCH2800S DELTA-DVCH2800S Datasheet
305Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com