Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES29LV800FB-12RTG Datasheet(PDF) 9 Page - Excel Semiconductor Inc.

Part # ES29LV800FB-12RTG
Description  32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29LV800FB-12RTG Datasheet(HTML) 9 Page - Excel Semiconductor Inc.

Back Button ES29LV800FB-12RTG Datasheet HTML 5Page - Excel Semiconductor Inc. ES29LV800FB-12RTG Datasheet HTML 6Page - Excel Semiconductor Inc. ES29LV800FB-12RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29LV800FB-12RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29LV800FB-12RTG Datasheet HTML 9Page - Excel Semiconductor Inc. ES29LV800FB-12RTG Datasheet HTML 10Page - Excel Semiconductor Inc. ES29LV800FB-12RTG Datasheet HTML 11Page - Excel Semiconductor Inc. ES29LV800FB-12RTG Datasheet HTML 12Page - Excel Semiconductor Inc. ES29LV800FB-12RTG Datasheet HTML 13Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
ES I
ES I
9
Rev. 2D Jan 5, 2006
ES29LV320D
Excel Semiconductor inc.
be protected prior to the first sector unprotection
write cycle to avoid any over-erase due to the intrin-
sic erase characteristics of the protection cell. After
the unprotection operation, all previously protected
sectors will need to be individually re-protected.
Standard microprocessor bus cycle timings are used
in the unprotection and unprotect verification opera-
tions. Three unprotect methods are provided in the
ES29LV320 device. All unprotection and unprotect
verification cycles are summarized in detail at the
Table 1.
- In-system unprotection
- A9 High-voltage unprotection
- Temporary sector unprotection
In-System Unprotection
“In-system
unprotection”,
the
primary
method,
requires VID (11.5V~12.5V) on the RESET# with
A6=1, A1=1, and A0=0. This method can be imple-
mented either in-system or via programming equip-
ment. This method uses standard microprocessor
bus cycle timing. Refer to Fig. 29 for timing diagram
and Fig. 4 for the unprotection algorithm.
A9 High-Voltage Unprotection
“High-voltage unprotection”, the alternate method
intended only for programming equipment, must
force VID (11.5~12.5V) on address pin A9 and con-
trol pin OE# with A6=1, A1=1 and A0=0. Refer to
Fig. 32 for timing diagram and Fig. 6 for the unpro-
tection algorithm.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system.
The Sector Unprotect mode is activated by setting
the RESET# pin to VID (11.5V-12.5V). During this
mode, formerly protected sectors can be pro-
grammed
or
erased
by
selecting
the
sector
addresses. Once VID is removed from the RESET#
pin, all the previously protected sectors are pro-
tected again. Fig. 1 shows the algorithm, and Fig. 27
shows the timing diagrams for this feature.
WRITE PROTECT ( WP# )
The Write Protect function provides a hardware
method of protecting certain boot sectors without
using VID. This function is one of two provided by the
WP#/ACC pin.
If the system asserts VIL on the WP#/ACC pin, the
device disables program and erase functions in the
two “outermost” 8Kbytes boot sectors indepen-
dently of whether those sectors were protected or
unprotected using the method described in “Sector
Group Protection and Unprotection”. The two outer-
most of 8 Kbyte boot sectors are the two sectors
containing the lowest addresses in a bottom-boot-
configured device, or the two sectors containing the
highest addresses in a top-boot-configured device.
If the system asserts VIH on the WP#/ACC pin, the
device reverts to whether the two outermost 8
Kbyte boot sectors were last set to be protected or
unprotected. That is, sector protection or unprotec-
tion for these two sectors depends on whether they
were last protected or unprotected using the
method described in “Sector Group Protection and
Unprotection”.
Note that the WP#/ACC pin must not be left floating
or unconnected; inconsistent behavior of the device
may result.
Notes:
1. All protected sectors are unprotected (If WP#/ACC = VIL,
outermost boot sectors will remain protected).
2. All previously protected sectors are protected once again.
Figure 1. Temporary Sector Unprotect
Operation
START
RESET# = VID
(Note 1)
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect Completed
(Note 2)


Similar Part No. - ES29LV800FB-12RTG

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV800FB-12RTG EXCELSEMI-ES29LV800FB-12RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV800FB-12RTG EXCELSEMI-ES29LV800FB-12RTG Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV800FB-12RTG EXCELSEMI-ES29LV800FB-12RTG Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29LV800FB-12RTG

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29DL320 EXCELSEMI-ES29DL320 Datasheet
770Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320 AMICC-A29L320 Datasheet
588Kb / 44P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com