Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES29F800FB-12RTG Datasheet(PDF) 11 Page - Excel Semiconductor Inc.

Part # ES29F800FB-12RTG
Description  32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29F800FB-12RTG Datasheet(HTML) 11 Page - Excel Semiconductor Inc.

Back Button ES29F800FB-12RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29F800FB-12RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29F800FB-12RTG Datasheet HTML 9Page - Excel Semiconductor Inc. ES29F800FB-12RTG Datasheet HTML 10Page - Excel Semiconductor Inc. ES29F800FB-12RTG Datasheet HTML 11Page - Excel Semiconductor Inc. ES29F800FB-12RTG Datasheet HTML 12Page - Excel Semiconductor Inc. ES29F800FB-12RTG Datasheet HTML 13Page - Excel Semiconductor Inc. ES29F800FB-12RTG Datasheet HTML 14Page - Excel Semiconductor Inc. ES29F800FB-12RTG Datasheet HTML 15Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
ES I
ES I
11
Rev. 2D Jan 5, 2006
ES29LV320D
Excel Semiconductor inc.
Exit from the Security Sector
Once the Security Sector is locked protected and
verified, the system must write the Exit Security
Sector Region command sequence to return to
reading and writing the remainder of the array.
Caution for the Security Sector Protection
The security sector protection must be used with
caution since, once protected, there is no proce-
dure available for unprotecting the security sector
area and none of the bits in the security sector
memory space can be modified in any way.
HARDWARE DATA PROTECTION
The ES29LV320 device provides some protection
measures against accidental erasure or program-
ming caused by spurious system level signals that
may exist during power transition. During power-
up, all internal registers and latches in the device
are cleared and the device automatically resets to
the read mode. In addition, with its internal state
machine built-in the device, any alteration of the
memory contents or any initiation of new operation
Start
RESET# =
VIH or VID
Wait 1us
Security sector
Protect Verify
complete
Remove VIH or VID
from RESET#
If data=00h, security
sector is unprotected.
If data=01h, security
sector is protected
Read from security
sector address with
A6=0,A1=1,A0=0
Write 60h to
any address
Write 40h to security
sector address with
A6=0, A1=1,A0=0
Write reset
command
Figure 2. Security Sector Protect Verify
can only occur after successful completion of spe-
cific command sequences. And several features are
incorporated to prevent inadvertent write cycles
resulting from Vcc power-up and power-down transi-
tion or system noise.
Low Vcc Write inhibit
When Vcc is less than VLKO, the device does not
accept any write cycles. This protects data during
Vcc power-up and power-down. The command reg-
ister and all internal program/erase circuits are dis-
abled, and the device resets to the read mode.
Subsequent writes are ignored until Vcc is greater
than VLKO. The system must provide proper signals
to the control pins to prevent unintentional writes
when Vcc is greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5ns (typical) on OE#, CE#
or WE# do not initiate a write cycle.
Logical inhibit
Write cycles are inhibited by holding any one of
OE#=VIL, CE#=VIH or WE#=VIH. To initiate a write
cycle, CE# and WE# must be a logical zero while
OE# is a logical one.
Power-up Write Inhibit
If WE#=CE#=VIL and OE#=VIH during power up, the
device does not accept any commands on the rising
edge of WE#. The internal state machine is automat-
ically reset to the read mode on power-up.


Similar Part No. - ES29F800FB-12RTG

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29F800FB-12RTG EXCELSEMI-ES29F800FB-12RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29F800FB-12RTG EXCELSEMI-ES29F800FB-12RTG Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29F800FB-12RTG EXCELSEMI-ES29F800FB-12RTG Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29F800FB-12RTG

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29DL320 EXCELSEMI-ES29DL320 Datasheet
770Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320 AMICC-A29L320 Datasheet
588Kb / 44P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com