Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES29LV400FB-12RTG Datasheet(PDF) 10 Page - Excel Semiconductor Inc.

Part # ES29LV400FB-12RTG
Description  32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29LV400FB-12RTG Datasheet(HTML) 10 Page - Excel Semiconductor Inc.

Back Button ES29LV400FB-12RTG Datasheet HTML 6Page - Excel Semiconductor Inc. ES29LV400FB-12RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29LV400FB-12RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29LV400FB-12RTG Datasheet HTML 9Page - Excel Semiconductor Inc. ES29LV400FB-12RTG Datasheet HTML 10Page - Excel Semiconductor Inc. ES29LV400FB-12RTG Datasheet HTML 11Page - Excel Semiconductor Inc. ES29LV400FB-12RTG Datasheet HTML 12Page - Excel Semiconductor Inc. ES29LV400FB-12RTG Datasheet HTML 13Page - Excel Semiconductor Inc. ES29LV400FB-12RTG Datasheet HTML 14Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
ES I
ES I
10
Rev. 2D Jan 5, 2006
ES29LV320D
Excel Semiconductor inc.
SECURITY SECTOR
The security sector of the ES29LV320 device pro-
vides an extra flash memory space that enables
permanent part identification through an Electronic
Serial Number (ESN). The security sector uses a
security lock-Indicator Bit (DQ7) to indicate
whether or not the security sector is locked when
shipped from the factory. This bit is permanently set
at the factory and cannot be changed, which pre-
vents cloning of a factory locked part. This ensures
the security of the ESN once the product is shipped
to the field. Note that the ES29LV320 has a security
sector size of 256 bytes.
Security Lock-Indicator Bit (DQ7)
In the device, the security sector can be provided in
either factory locked version or customer lockable
version. The factory-locked version is always pro-
tected when shipped from the factory, and has the
security lock-Indicator Bit permanently set to a “1”.
The customer-lockable version is shipped with
the security sector unprotected, allowing customers
to utilize the sector in any manner they choose. The
customer-lockable version has the security lock-
Indicator Bit permanently set to a “0”. Thus, the
security lock-Indicator Bit prevents customer-lock-
able devices from being used to replace devices
that are factory locked.
Access to the Security Sector
The security sector can be accessed through a
command sequence: Enter security and Exit
security sector commands. After the system has
written
the
Enter
security
sector
command
sequence, it may read the security sector by using
the addresses normally occupied by the boot sec-
tors. This mode of operation continues until the sys-
tem issues the Exit security sector command
sequence, or until power is removed from the
device. On power-up, or following a hardware reset,
the device returns to read mode in which the nor-
mal boot sectors can be accessed, instead of the
security sector.
Factory-Locked Device
In a factory-locked device, the security sector is
protected when the device is shipped from the fac-
tory. The security sector cannot be modified in any
way. The device is available preprogrammed with
one of the following:
- A random, secure ESN (16 bytes ) only
- Customer code through the ESI’s Special-Code
service
- Both a random, secure ESN and customer
code through the ESI’s Special-Code service.
ESN ( Electronic Serial Number )
In devices that have an ESN, a Bottom Boot device
will have the 16-byte (8-word) ESN in sector 0 at
addresses 000000h-00000Fh in byte mode (or
000000h-000007h in word mode). In the Top Boot
device the ESN will be in sector 70 at addresses
3FFF00h-3FFF0Fh in byte mode (or 1FFF80h-
1FFF87h in word mode). Note that in upcoming top
boot versions of this device, the ESN will be located
in sector 70 at addresses 3FFF00h-3FFF0Fh in byte
mode (or 1FFF80h-1FFF87h in word mode).
ESI’s Special-Code Service
Customers may opt to have their code programmed
by ESI through the ESI’s Special-Code service. ESI
programs the customer’s code, with or without the
random ESN. The devices are then shipped from
ESI’s factory with the Security Sector permanently
locked. Contact an ESI representative for details on
using ESI’s Special-Code service.
Customer-Lockable Device
The customer lockable version allows the security
sector to be freely programmed or erased and then
permanently locked. Note that the ES29LV320 has
a security sector size of 256 bytes (128 words). Note
that the accelerated programming (ACC) and unlock
bypass functions are not available when program-
ming the security sector.
Protection of the Security Sector
The security sector area can be protected using the
following procedures: Write the three-cycle “Enter
security sector command” sequence, and then fol-
lowing the in-system sector protect algorithm as
shown in Fig. 2, except that RESET# may be at
either VIH or VID. This allows in-system protection
of the security sector without raising any device pin
to a high voltage. Note that this method is only appli-
cable to the security sector. To verify the protect/
unprotect status of the security sector. follow the
algorithm shown in Fig. 2.


Similar Part No. - ES29LV400FB-12RTG

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV400FB-12RTG EXCELSEMI-ES29LV400FB-12RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400FB-12RTG EXCELSEMI-ES29LV400FB-12RTG Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400FB-12RTG EXCELSEMI-ES29LV400FB-12RTG Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29LV400FB-12RTG

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29DL320 EXCELSEMI-ES29DL320 Datasheet
770Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320 AMICC-A29L320 Datasheet
588Kb / 44P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com