Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTA2F1ACQ61.6 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # CTA2F1ACQ61.6
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CTA2F1ACQ61.6 Datasheet(HTML) 2 Page - CIT Relay & Switch

  CTA2F1ACQ61.6 Datasheet HTML 1Page - CIT Relay & Switch CTA2F1ACQ61.6 Datasheet HTML 2Page - CIT Relay & Switch CTA2F1ACQ61.6 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series:
CTA2 standard
CTA2F with mounting flange
CTA2M with metal bracket
CTA2
2.Contact Arrangement:
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
1U =
SPST N.O. (2 terminals)
1C
3. Sealing Options:
S = Sealed
C = Dust Cover
S
4. Termination:
P = PCB Pins
Q = Quick Connect
Q
5. Coil Voltage:
6VDC
12VDC
24VDC
12
6. Coil Power:
1.6 = 1.6W
1.9 = 1.9W
1.6
7: Coil Suppression:
Blank = Standard
D = Diode (1N4005) Cathode on “86” terminal
D1 = Diode (1N4004) Cathode on “86” Terminal
R = Resistor (680 Ohms)
2D = 2 diodes (1N4005)
DR = Diode & Resistor Cathode on “86” Terminal
(1N4005 & 680 Ohms)
** Consult factory if other values are needed.
Z
8. Contact Material:
Z = AgSnO2
DIMENSIONS – CTA2 (Units = mm)
CTA2 with PC Pins
CTA2 with Quick Connects
CTA2


Similar Part No. - CTA2F1ACQ61.6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CTA2 DIODES-CTA2 Datasheet
61Kb / 3P
   COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
CTA2 DIODES-CTA2 Datasheet
69Kb / 4P
   COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
logo
PowerVolt Inc.
CTA200-L01 POWERVOLT-CTA200-L01 Datasheet
119Kb / 1P
   Connection Diagram , Schematic
logo
II-VI Marlow, Inc.
CTA230-0001-01 VIMARLOW-CTA230-0001-01 Datasheet
169Kb / 2P
   AIR TO AIR TE EXCHANGER STANDARD PRODUCT
CTA230-0001-01 VIMARLOW-CTA230-0001-01 Datasheet
169Kb / 2P
   Climatherm 230 Series
More results

Similar Description - CTA2F1ACQ61.6

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com