Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6863TGU Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6863TGU
Description  Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6863TGU Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6863TGU Datasheet HTML 1Page - MOSA ELECTRONICS MS6863TGU Datasheet HTML 2Page - MOSA ELECTRONICS MS6863TGU Datasheet HTML 3Page - MOSA ELECTRONICS MS6863TGU Datasheet HTML 4Page - MOSA ELECTRONICS MS6863TGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6863TGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6863TGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6863TGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6863TGU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MOSA
MS6863
Dual 2W Power Amplifiers with Stereo Headphone
REV 1
3
www.mosanalog.com
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
20Pin TSSOP (lead free)
MS6863TGTR
MS6863G
2.5Units Tape and Reel
20Pin TSSOP (lead free)
MS6863TGU
MS6863G
75Units Tube
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6
V
VESD
Electrostatic handling
2000
V
TSTG
Storage temperature range
-65 to 150
TA
Operating ambient temperature range
-40 to 85
TJ
Maximum junction temperature
150
TS
Soldering temperature, 10 seconds
260
RTHJA
Thermal resistance from junction to ambient in free air
TSSOP20 (enhance thermal pad)
51
/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.7
5
5.5
V


Similar Part No. - MS6863TGU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6863TGU MOSA-MS6863TGU Datasheet
468Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
More results

Similar Description - MS6863TGU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863_1 Datasheet
468Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
logo
STMicroelectronics
TS488 STMICROELECTRONICS-TS488 Datasheet
561Kb / 32P
   Pop-free 120mW stereo headphone amplifier
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853 Datasheet
747Kb / 12P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
logo
Texas Instruments
LM4835 TI1-LM4835 Datasheet
1Mb / 34P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers
logo
Rohm
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com