Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6863 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6863
Description  Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6863 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6863 Datasheet HTML 1Page - MOSA ELECTRONICS MS6863 Datasheet HTML 2Page - MOSA ELECTRONICS MS6863 Datasheet HTML 3Page - MOSA ELECTRONICS MS6863 Datasheet HTML 4Page - MOSA ELECTRONICS MS6863 Datasheet HTML 5Page - MOSA ELECTRONICS MS6863 Datasheet HTML 6Page - MOSA ELECTRONICS MS6863 Datasheet HTML 7Page - MOSA ELECTRONICS MS6863 Datasheet HTML 8Page - MOSA ELECTRONICS MS6863 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MOSA
MS6863
Dual 2W Power Amplifiers with Stereo Headphone
REV 1
2
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
SD
1
SHUTDOWN places the entire device in shutdown mode when held high.
TTL compatible input.
+OUTA
3
Bridged-tied load positive output A.
-OUTA
5
Left channel output or bridged-tied load negative output A.
-INA
6
Negative input A.
+INA
8
Positive input A.
+INB
13
Positive input B.
BYPASS
14
BYPASS is a capacitor to the voltage divider for the internal mid-supply bias.
This terminal should be connected to a 0.1-μF to 10-μF capacitor CB.
B
-INB
15
Negative input B
-OUTB
16
Right channel output or bridged-tied load negative output B.
+OUTB
18
Bridged-tied load positive output B.
HP-IN
20
Headphone input detection.
A logical low sets BTL mode, a logical high sets SE mode.
VDD
4, 17
Supply voltage
GND
2, 9, 10
11, 12, 19
Ground
GND (SDPR)
7
Connected to ground, it is compatible for LM4863
SDPR: Shutdown Power Preparation.
Pop noise free in shutdown control, please refer to application information
TSSOP20
GND
16
17
18
19
20
2
3
4
1
GND
+OUTA
VDD
-OUTA
5
-INA
+OUTB
VDD
-OUTB
-INB
15
6
14
7
GND(SDPR)
SD
BYPASS
HP-IN
MS6863
13
+INA
8
GND
+INB
12
9
11
10
GND
GND
Thermal
Pad
GND


Similar Part No. - MS6863

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863 Datasheet
468Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
MS6863TGTR MOSA-MS6863TGTR Datasheet
468Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
MS6863TGU MOSA-MS6863TGU Datasheet
468Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
MS6863 MOSA-MS6863_1 Datasheet
468Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
More results

Similar Description - MS6863

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863_1 Datasheet
468Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
logo
STMicroelectronics
TS488 STMICROELECTRONICS-TS488 Datasheet
561Kb / 32P
   Pop-free 120mW stereo headphone amplifier
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853 Datasheet
747Kb / 12P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
logo
Texas Instruments
LM4835 TI1-LM4835 Datasheet
1Mb / 34P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers
logo
Rohm
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com