Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6334U Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6334U
Description  16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334U Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6334U Datasheet HTML 6Page - MOSA ELECTRONICS MS6334U Datasheet HTML 7Page - MOSA ELECTRONICS MS6334U Datasheet HTML 8Page - MOSA ELECTRONICS MS6334U Datasheet HTML 9Page - MOSA ELECTRONICS MS6334U Datasheet HTML 10Page - MOSA ELECTRONICS MS6334U Datasheet HTML 11Page - MOSA ELECTRONICS MS6334U Datasheet HTML 12Page - MOSA ELECTRONICS MS6334U Datasheet HTML 13Page - MOSA ELECTRONICS MS6334U Datasheet HTML 14Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MOSA
MS6334/6335
16-Bit Stereo Audio DAC integrated HP Driver with Volume Control
REV 1.0
10
www.mosanalog.com
Audio format and power off
MSB
LSB
Function
1
0
0
0
0
0
b1
b0
Audio format selection and preparation for power off
Audio format and power off bits
b1=1, Enable preparation for power off
b1=0, Disable preparation for power off
b0=1, I2S format
b0=0, Right justified format (normal format)
Initial state: b0=b1=0. Power off : VDD down to 0V
I
2C example
The audio format is selected I2S format. Audio format code = 81H.
The initial state is right justified format.
Data byte
1
000
00
MSB
11
ACK
Start
1
000
01
00
MS6335 address
I2S format
LSB
ACK
Stop
DAC active. Code = 7BH.
The initial state is enabled all power down mode when power on.
ACK
Start
Chip Address
ACK
0
1
1
1
1
1
10
DACPD = 0
Stop
HP active, OPAmp active, CAP to 1/2 VDD, DAC keep active. Code = 61H.
Set the voltage of CAP to middle of supply voltage, the charge time is approximately 1 second.
Stop
Start
Chip Address
ACK
0
1
1
0
0
1
00
CAPGD = 0
HPPD = 0
OPAmp = 0
DACPD = 0
ACK
DAC mute off. Code = 60H.
The chip entered active mode.
Stop
Start
Chip Address
ACK
0
1
1
0
0
0
00
DACM = 0
ACK
Set gain of 2 channel at 0dB. Volume control code = 1BH.
Stop
Start
Chip Address
ACK
0
0
0
1
1
1
1
0
2-ch, 0dB
ACK
Set attenuation of left channel at –22.5dB. Volume control code = 2CH.
Stop
Start
Chip Address
ACK
0
0
1
0
0
0
1
1
L-ch, -22.5dB
ACK


Similar Part No. - MS6334U

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
802Kb / 20P
   16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6334GTR MOSA-MS6334GTR Datasheet
802Kb / 20P
   16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6334GU MOSA-MS6334GU Datasheet
802Kb / 20P
   16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
   16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
More results

Similar Description - MS6334U

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
   16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
   Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
MOSA ELECTRONICS
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
   Internet Audio DAC with Integrated Headphone Driver
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
   Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
   Internet Audio DAC with Integrated Headphone Driver
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
   24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com