Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWY87C-S1T1-3C5D Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LWY87C-S1T1-3C5D
Description  Micro SIDELEDR Enhanced optical Power LED (ATONR)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY87C-S1T1-3C5D Datasheet(HTML) 2 Page - OSRAM GmbH

  LWY87C-S1T1-3C5D Datasheet HTML 1Page - OSRAM GmbH LWY87C-S1T1-3C5D Datasheet HTML 2Page - OSRAM GmbH LWY87C-S1T1-3C5D Datasheet HTML 3Page - OSRAM GmbH LWY87C-S1T1-3C5D Datasheet HTML 4Page - OSRAM GmbH LWY87C-S1T1-3C5D Datasheet HTML 5Page - OSRAM GmbH LWY87C-S1T1-3C5D Datasheet HTML 6Page - OSRAM GmbH LWY87C-S1T1-3C5D Datasheet HTML 7Page - OSRAM GmbH LWY87C-S1T1-3C5D Datasheet HTML 8Page - OSRAM GmbH LWY87C-S1T1-3C5D Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2003-03-04
2
LW Y87C
Anm.: -2C5D Farbselektiert nach Farbortgruppen (siehe Seite 5)
Die Standardlieferform von Serientypen beinhaltet eine untere bzw. eine obere Familiengruppe,
die aus nur 2 bzw. 3 Halbgruppen besteht. Einzelne Halbgruppen sind nicht erhältlich.
In einer Verpackungseinheit / Gurt ist immer nur eine Halbgruppe enthalten.
Note: -2C5D Color selection acc. to Chromaticity coordinate groups (see page 5)
The standard shipping format for serial types includes a lower or upper family group of 2 or 3
individual groups. Individual half groups are not available.
No packing unit / tape ever contains more than one luminous intensity half group.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 20 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 20 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LW Y87C-S1T1-3C5D
LW Y87C-T1U1-3C5D
white
colored
diffused
180 ... 355
280 ... 560
800 (typ.)
1250 (typ.)
Q65110A0573
Q65110A0574
LW Y87C-S1T1-2C5D
LW Y87C-T1U1-2C5D
white
colored
diffused
180 ... 355
280 ... 560
800 (typ.)
1250 (typ.)
on request
on request


Similar Part No. - LWY87C-S1T1-3C5D

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY87C-S1T2-3K8L OSRAM-LWY87C-S1T2-3K8L Datasheet
607Kb / 22P
   white SMT package
LWY87C-S1T2-3K8L OSRAM-LWY87C-S1T2-3K8L Datasheet
607Kb / 22P
   Micro SIDELED 3010
More results

Similar Description - LWY87C-S1T1-3C5D

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY8SG OSRAM-LWY8SG Datasheet
599Kb / 17P
   Micro SIDELED짰 long life Enhanced optical Power LED
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
   Enhanced optical Power LED
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
   Hyper TOPLED짰 Enhanced optical Power LED
LATBT66B OSRAM-LATBT66B Datasheet
187Kb / 18P
   Enhanced optical Power LED (HOP2000 / ATON짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com