Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSRABC-QLI23 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VSRABC-QLI23
Description  VERSA 700: 64kB FLASH, 4kB RAM 23MHz, 3V, 8-Bit MCU
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VSRABC-QLI23 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VSRABC-QLI23 Datasheet HTML 1Page - List of Unclassifed Manufacturers VSRABC-QLI23 Datasheet HTML 2Page - List of Unclassifed Manufacturers VSRABC-QLI23 Datasheet HTML 3Page - List of Unclassifed Manufacturers VSRABC-QLI23 Datasheet HTML 4Page - List of Unclassifed Manufacturers VSRABC-QLI23 Datasheet HTML 5Page - List of Unclassifed Manufacturers VSRABC-QLI23 Datasheet HTML 6Page - List of Unclassifed Manufacturers VSRABC-QLI23 Datasheet HTML 7Page - List of Unclassifed Manufacturers VSRABC-QLI23 Datasheet HTML 8Page - List of Unclassifed Manufacturers VSRABC-QLI23 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
VRS700
VERSA
Datasheet Rev 1.3
1134 Ste Catherine Street West, Suite 900, Montreal, Quebec, Canada H3B 1H4 Tel: (514) 871-2447 http://www.goalsemi.com
5
Special Function Registers (SFR)
Addresses 80h to FFh of the SFR address space can be accessed in direct addressing mode only. The following table
lists the VRS700 Special Function Registers.
TABLE 4: SPECIAL FUNCTION REGISTERS (SFR)
SFR
Register
SFR
Adrs
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Value
P0
80h
-
-
-
-
-
-
-
-
SP
81h
-
-
-
-
-
-
-
-
DPL
82h
-
-
-
-
-
-
-
-
DPH
83h
-
-
-
-
-
-
-
-
(Reserved)
84h
RCON
85h
-
-
-
-
RAMS3
RAMS2
RAMS1
RAMS0
00000000b
DBANK
86h
BSE
-
BS5
BS4
BS3
BS2
BS1
BS0
0***0001b
PCON
87h
SMOD
-
-
-
GF1
GF0
PDOWN
IDLE
00000000b
TCON
88h
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00000000b
TMOD
89h
GATE1
C/T1
M1.1
M0.1
GATE0
C/T0
M1.0
M0.0
00000000b
TL0
8Ah
-
-
-
-
-
-
-
-
TL1
8Bh
-
-
-
-
-
-
-
-
TH0
8Ch
-
-
-
-
-
-
-
-
TH1
8Dh
-
-
-
-
-
-
-
-
P1
90h
-
-
-
-
-
-
-
-
WDTKEY
97h
WDTKEY7
WDTKEY6
WDTKEY5
WDTKEY4
WDTKEY3
WDTKEY2
WDTKEY1
WDTKEY0
********b
SCON
98h
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00000000b
SBUF
99h
-
-
-
-
-
-
-
-
SPWME
9Bh
SPWM7E
SPWM6E
SPWM5E
SPWM4E
SPWM3E
SPWM2E
SPWM1E
SPWM0E
00000000b
WDTC
9Fh
WDTE
-
CLEAR
-
-
PS2
PS1
PS0
0*0**000b
P2
A0h
-
-
-
-
-
-
-
-
IE
A8h
EA
-
ET2
ES
ET1
EX1
ET0
EX0
00000000b
P3
B0h
-
-
-
-
-
-
-
-
SPWMD0
B3h
-
-
-
-
-
-
-
-
00000000b
SPWMD1
B4h
-
-
-
-
-
-
-
-
00000000b
SPWMD2
B5h
-
-
-
-
-
-
-
-
00000000b
SPWMD3
B6h
-
-
-
-
-
-
-
-
00000000b
IP
B8h
-
-
PT2
PS
PT1
PX1
PT0
PX0
00000000b
SPWMD4
BBh
-
-
-
-
-
-
-
-
00000000b
SPWMD5
BCh
-
-
-
-
-
-
-
-
00000000b
SPWMD6
BDh
-
-
-
-
-
-
-
-
00000000b
SPWMD7
BEh
-
-
-
-
-
-
-
-
00000000b
SCONF
BFh
WDR
-
-
-
-
OME
ALEI
0****00b
T2CON
C8h
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
00000000b
T2MOD
C9h
-
-
-
-
-
-
T2OE
DCEN
00000000b
RCAP2L
CAh
-
-
-
-
-
-
-
-
RCAP2H
CBh
-
-
-
-
-
-
-
-
TL2
CCh
-
-
-
-
-
-
-
-
TH2
CDh
PSW
D0h
CY
AC
F0
RS1
RS0
OV
-
P
SPWMC0
D3h
-
-
-
-
-
PBS0
PFS01
PFS00
******00b
SPWMC1
D4h
-
-
-
-
-
PBS1
PFS11
PFS10
******00b
SPWMC2
D5h
-
-
-
-
-
PBS2
PFS21
PFS20
******00b
SPWMC3
D6h
-
-
-
-
-
PBS3
PFS31
PFS30
******00b
P4
D8h
-
-
-
-
P4.3
P4.2
P4.1
P4.0
****1111b
SPWMC4
DBh
PBS4
PFS41
PFS40
******00b
SPWMC5
DCh
PBS5
PFS51
PFS50
******00b
SPWMC6
DDh
PBS6
PFS61
PFS60
******00b
SPWMC7
DEh
PBS7
PFS71
PFS70
******00b
ACC
E0h
-
-
-
-
-
-
-
-
B
F0h
-
-
-
-
-
-
-
-


Similar Part No. - VSRABC-QLI23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
logo
Emerson Network Power
VSR100 EMERSON-NETWORKPOWER-VSR100 Datasheet
143Kb / 2P
   Straln Rellef Boot
VSR101 EMERSON-NETWORKPOWER-VSR101 Datasheet
143Kb / 2P
   Straln Rellef Boot
VSR102 EMERSON-NETWORKPOWER-VSR102 Datasheet
143Kb / 2P
   Straln Rellef Boot
VSR103 EMERSON-NETWORKPOWER-VSR103 Datasheet
143Kb / 2P
   Straln Rellef Boot
More results

Similar Description - VSRABC-QLI23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
SyncMOS Technologies,In...
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS550 ETC1-VRS550 Datasheet
868Kb / 40P
   VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU
logo
SyncMOS Technologies,In...
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com