Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSRABC-PLI23 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VSRABC-PLI23
Description  VERSA 700: 64kB FLASH, 4kB RAM 23MHz, 3V, 8-Bit MCU
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VSRABC-PLI23 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VSRABC-PLI23 Datasheet HTML 2Page - List of Unclassifed Manufacturers VSRABC-PLI23 Datasheet HTML 3Page - List of Unclassifed Manufacturers VSRABC-PLI23 Datasheet HTML 4Page - List of Unclassifed Manufacturers VSRABC-PLI23 Datasheet HTML 5Page - List of Unclassifed Manufacturers VSRABC-PLI23 Datasheet HTML 6Page - List of Unclassifed Manufacturers VSRABC-PLI23 Datasheet HTML 7Page - List of Unclassifed Manufacturers VSRABC-PLI23 Datasheet HTML 8Page - List of Unclassifed Manufacturers VSRABC-PLI23 Datasheet HTML 9Page - List of Unclassifed Manufacturers VSRABC-PLI23 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
VRS700
VERSA
Datasheet Rev 1.3
1134 Ste Catherine Street West, Suite 900, Montreal, Quebec, Canada H3B 1H4 Tel: (514) 871-2447 http://www.goalsemi.com
6
Program Memory Structure
Program Memory
The VRS700 includes 64K of on-chip Flash memory
that can be used as general program memory. The
address range for the 64KB of Flash memory is 0000h
to FFFFh.
Program Status Word Register
The register below contains the program state flags.
These flags may be read or written to by the user.
TABLE 5: PROGRAM STATUS WORD REGISTER (PSW) - SFR DOH
7
6
5
4
3
2
1
0
CY
AC
F0
RS1
RS0
OV
-
P
Bit
Mnemonic
Description
7
CY
Carry Bit
6
AC
Auxiliary Carry Bit from bit 3 to 4.
5
F0
User definer flag
4
RS1
R0-R7 Registers bank select bit 0
3
RS0
R0-R7 Registers bank select bit 1
2
OV
Overflow flag
1
-
-
0
P
Parity flag
RS1
RS0
Active Bank
Address
0
0
0
00h-07h
0
1
1
08h-0Fh
1
0
2
10h-17h
1
1
3
18-1Fh
Data Pointer
The VRS 700 has one 16-bit data pointer. The DPTR is
accessed through two SFR addresses: DPL located at
address 82h and DPH located at address 83h.
Data Memory
The VRS700 has 4K of on-chip SRAM: 256 bytes are
configured like the internal memory structure of a
standard 80C52, while the expanded 3840 bytes can
be accessed using external memory addressing
(MOVX) or in bank mapping direct addressing mode.
Note: By default, the expanded RAM memory is
disabled. To use it, users must first set the bit OME (2)
of the System Control Register (SFR BFh).
FIGURE 3: VRS700 DATA MEMORY
Upper 128 bytes
(Can only be accessed in
indirect addressing mode only)
Lower 128 bytes
(Can be accessed in indirect and
direct addressing mode)
SFR
(Can only be accessed in direct
addressing mode only)
Expanded 3840 bytes
(Mapped on "external"
memory space. Can by
accessed by using the
MOVX instruction or by
Bank mapping direct
addressing mode)
(OME=1)
FF
80
0EFF
0000
FF
80
7F
00
By default, the expanded RAM area is active. It is
possible to disable it by clearing the OME bit of the
SCONF register located at address BFh in the SFR.
Lower 128 bytes (00h to 7Fh, Bank 0 & Bank 1)
The lower 128 bytes (Figure 3) of data memory (from
00h to 7Fh) can be summarized in the following points:
• Address range 00h to 7Fh can be accessed in
direct and indirect addressing modes.
• Address range 00h to 1Fh includes R0-R7
registers area.
• Address range 20h to 2Fh is bit addressable.
• Address range 30h to 7Fh is not bit addressable
and can be used as general purposes storage.
• Range 40h-7Fh can be configured as a window
to access the whole 4K of RAM memory.
Upper 128 bytes (80h to FFh)
The upper 128 bytes of the data memory ranging from
80h to FFh can be accessed using indirect addressing
or by using the bank mapping in direct addressing
mode (see Table 8).


Similar Part No. - VSRABC-PLI23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
logo
Emerson Network Power
VSR100 EMERSON-NETWORKPOWER-VSR100 Datasheet
143Kb / 2P
   Straln Rellef Boot
VSR101 EMERSON-NETWORKPOWER-VSR101 Datasheet
143Kb / 2P
   Straln Rellef Boot
VSR102 EMERSON-NETWORKPOWER-VSR102 Datasheet
143Kb / 2P
   Straln Rellef Boot
VSR103 EMERSON-NETWORKPOWER-VSR103 Datasheet
143Kb / 2P
   Straln Rellef Boot
More results

Similar Description - VSRABC-PLI23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
SyncMOS Technologies,In...
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS550 ETC1-VRS550 Datasheet
868Kb / 40P
   VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU
logo
SyncMOS Technologies,In...
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com