Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC38C44AYMM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC38C44AYMM
Description  BiCMOS Current-Mode PWM Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38C44AYMM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC38C44AYMM Datasheet HTML 1Page - Micrel Semiconductor MIC38C44AYMM Datasheet HTML 2Page - Micrel Semiconductor MIC38C44AYMM Datasheet HTML 3Page - Micrel Semiconductor MIC38C44AYMM Datasheet HTML 4Page - Micrel Semiconductor MIC38C44AYMM Datasheet HTML 5Page - Micrel Semiconductor MIC38C44AYMM Datasheet HTML 6Page - Micrel Semiconductor MIC38C44AYMM Datasheet HTML 7Page - Micrel Semiconductor MIC38C44AYMM Datasheet HTML 8Page - Micrel Semiconductor MIC38C44AYMM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC38C42A/43A/44A/45A
Micrel, Inc.
April 2005
1
M9999-042205
MIC38C42A/43A/44A/45A
BiCMOS Current-Mode PWM Controllers
General Description
The MIC38C4xA are fixed frequency, high performance,
current-mode PWM controllers. Micrel’s BiCMOS devices
are pin compatible with 384x bipolar devices but feature
several improvements.
Undervoltage lockout circuitry allows the ’42 and ’44 versions
to start up at 14.5V and operate down to 9V, and the ’43 and
’45 versions start at 8.4V with operation down to 7.6V. All
versions operate up to 20V.
When compared to bipolar 384x devices operating from a
15V supply, start-up current has been reduced to 50µA
typical and operating current has been reduced to 4.0mA
typical. Decreased output rise and fall times drive larger
MOSFETs, and rail-to-rail output capability increases effi-
ciency, especially at lower supply voltages. The MIC38C4xA
also features a trimmed oscillator discharge current and
bandgap reference.
The MIC38C4xA family is available in 8-pin SOIC and MSOP-
8 (MM8) package options
For fast rise and fall times and higher output drive, refer to the
MIC38HC4x.
Functional Diagram
Features
• Fast 40ns output rise and 30ns output fall times
• –40°C to +85°C temperature range
meets UC284x specifications
•High-performance, low-power BiCMOS Process
•Ultralow start-up current (100µA typical)
• Low operating current (4mA typical)
• CMOS outputs with rail-to-rail swing
• ≥ 500kHz current-mode operation
•Trimmed 5V bandgap reference
•Pin-for-pin compatible with UC3842/3843/3844/3845
•Trimmed oscillator discharge current
• UVLO with hysteresis
• Low cross-conduction currents
Applications
• Current-mode, off-line, switched-mode power supplies
• Current-mode, dc-to-dc converters.
•Step-down “buck” regulators
•Step-up “boost” regulators
•Flyback, isolated regulators
• Forward converters
• Synchronous FET converters
TQ
S
R
Q
R
2R
Oscillator
UVLO
5V
Reference
VDD
7
VREF
8
RT/CT
4
FB
2
2.5V
COMP
1
GND
5
ISNS
3
OUT
6
MIC38C42A, MIC38C43A (96% max. duty cycle) versions only
MIC38C44A, MIC38C45A (50% max. duty cycle) versions only
MM8 is a trademark of Micrel, Inc.
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC38C44AYMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C44 MICREL-MIC38C44 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C44 MICREL-MIC38C44 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C44 MICREL-MIC38C44 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C44 MICROCHIP-MIC38C44 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C44-1BM MICREL-MIC38C44-1BM Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results

Similar Description - MIC38C44AYMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com