Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9213-F4 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS9213-F4
Description  PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9213-F4 Datasheet(HTML) 2 Page - California Eastern Labs

  PS9213-F4 Datasheet HTML 1Page - California Eastern Labs PS9213-F4 Datasheet HTML 2Page - California Eastern Labs PS9213-F4 Datasheet HTML 3Page - California Eastern Labs PS9213-F4 Datasheet HTML 4Page - California Eastern Labs PS9213-F4 Datasheet HTML 5Page - California Eastern Labs PS9213-F4 Datasheet HTML 6Page - California Eastern Labs PS9213-F4 Datasheet HTML 7Page - California Eastern Labs PS9213-F4 Datasheet HTML 8Page - California Eastern Labs PS9213-F4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PS9213
PACKAGE DIMENSIONS (UNIT: mm)
1.27
0.4±0.05
0.25 M
5.193±0.2
7.0±0.2
5.6
+0.3
–0.1
5.83±0.2
1.33±0.2
0.5±0.3
MARKING EXAMPLE
L
4
44
PS9213
NL444
Week Assembled
Year Assembled
(Last 1 Digit)
Rank Code
Assembly Lot
No. 1 pin Mark
N
In-house Code (L:Pb-Free)
Data Sheet PN10535EJ02V0DS
2


Similar Part No. - PS9213-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9213-F4 CEL-PS9213-F4 Datasheet
256Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
logo
Renesas Technology Corp
PS9213-F4 RENESAS-PS9213-F4 Datasheet
281Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
logo
California Eastern Labs
PS9213-F4-A CEL-PS9213-F4-A Datasheet
256Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PS9213-F4-AX CEL-PS9213-F4-AX Datasheet
256Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
More results

Similar Description - PS9213-F4

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
   PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com