Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9512AD Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PCA9512AD
Description  Level shifting hot swappable I2C-bus and SMBus bus buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PCA9512AD Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PCA9512AD Datasheet HTML 4Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 5Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 6Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 7Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 8Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 9Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 10Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 11Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PCA9512A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 7 October 2005
8 of 22
Philips Semiconductors
PCA9512A
Level shifting hot swappable I2C-bus and SMBus bus buffer
8.8 Hot swapping and capacitance buffering application
Figure 7 through Figure 9 illustrate the usage of the PCA9512A in applications that take
advantage of both its hot swapping and capacitance buffering features. In all of these
applications, note that if the I/O cards were plugged directly into the backplane, all of the
backplane and card capacitances would add directly together, making rise time and
fall time requirements difficult to meet. Placing a bus buffer on the edge of each card,
however, isolates the card capacitance from the backplane. For a given I/O card, the
PCA9512A drives the capacitance of everything on the card and the backplane must drive
only the capacitance of the bus buffer, which is less than 10 pF, the connector, trace, and
all additional cards on the backplane.
See
Application Note AN10160, ‘Hot Swap Bus Buffer’ for more information on
applications and technical assistance.
Fig 5.
Bus requirements for 3.3 V systems
Fig 6.
Bus requirements for 5 V systems
Cb (pF)
0
400
300
100
200
002aab582
10
20
30
RPU
(k
Ω)
0
recommended
pull-up
rise time > 300 ns
Rmax = 24 kΩ
Cb (pF)
0
400
300
100
200
002aab583
10
5
15
20
RPU
(k
Ω)
0
recommended
pull-up
rise time > 300 ns
Rmax = 16 kΩ


Similar Part No. - PCA9512AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9512AD NXP-PCA9512AD Datasheet
153Kb / 23P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9512AD NXP-PCA9512AD Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512AD PHILIPS-PCA9512AD Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
PCA9512ADP NXP-PCA9512ADP Datasheet
153Kb / 23P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9512ADP NXP-PCA9512ADP Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
More results

Similar Description - PCA9512AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A_11 Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512ADP PHILIPS-PCA9512ADP Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
PCA9512A NXP-PCA9512A Datasheet
153Kb / 23P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com