Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMG3010NT1 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MMG3010NT1
Description  Heterojunction Bipolar Transistor (InGaP HBT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3010NT1 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMG3010NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3010NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3010NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3010NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3010NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3010NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG3010NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3010NT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG3010NT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MMG3010NT1
11
RF Device Data
Freescale Semiconductor
PACKAGE DIMENSIONS
2X 4 TYP
E.P.
2X R0.20
SEATING PLANE
4X
C
0.10 C
1.50
1.50
0.46
0.40
1.70
1.40
2X 4 TYP
1.35
1.25
0.65
0.55
1.65
1.55
CASE 1514-01
ISSUE C
°
°
3
0.15 M
A
CB
3
4
A
4.70
4.40
0.60
0.40
B
2.70
2.40
1.30
0.70
4
5
0.48
0.38
0.58
0.48
12
3
0.48
0.38
4.50
3.70
2X
2X R0.15 TYP
1.87
1.79
0.15 M
A
CB
0.15 M
A
CB
0.20 M CB
BOTTOM VIEW
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE
BURRS SHALL NOT EXCEED 0.5MM PER END. DIMENSION DOES
NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD
FLASH OR PROTRUSION SHALL NOT EXCEED 0.5MM PER SIDE.
4. DIMENSIONS ARE DETERMINED AT THE OUTMOST EXTREMES
OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING
ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
5. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY.
0.15 M
A
CB
SOT -89
PLASTIC
STYLE 1:
PIN 1. RF INPUT
2. GROUND
3. RF OUTPUT


Similar Part No. - MMG3010NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3010NT1 FREESCALE-MMG3010NT1 Datasheet
308Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3010NT1 NXP-MMG3010NT1 Datasheet
364Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 5, 3/2008
logo
Freescale Semiconductor...
MMG3010NT1 FREESCALE-MMG3010NT1_08 Datasheet
308Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
More results

Similar Description - MMG3010NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1 Datasheet
224Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3007NT1 NXP-MMG3007NT1 Datasheet
438Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
MMG3009NT1 NXP-MMG3009NT1 Datasheet
413Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
logo
Freescale Semiconductor...
MMG3007NT1 FREESCALE-MMG3007NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1_08 Datasheet
308Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3011NT1 NXP-MMG3011NT1 Datasheet
416Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
MMG3010NT1 NXP-MMG3010NT1 Datasheet
364Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 5, 3/2008
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3011NT1 FREESCALE-MMG3011NT1 Datasheet
305Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3008NT1 FREESCALE-MMG3008NT1 Datasheet
222Kb / 12P
   Heterojunction Bipolar Transistor(InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com