Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM63R836FC4.0 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCM63R836FC4.0
Description  MCM63R836
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCM63R836FC4.0 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCM63R836FC4.0 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCM63R836FC4.0 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MCM63R836
•MCM63R918
6
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(2.375 V
≤ VDD ≤ 3.6 V, 0°C ≤ TA ≤ 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (See Notes 1 through 4)
Parameter
Symbol
Min
Max
–3.0
Max
–3.3
Max
–3.7
Max
–4.0
Max
Unit
Notes
Core Power Supply Voltage
VDD
2.375
3.6
V
Output Driver Supply Voltage
VDDQ
1.4
2.0
V
AC Supply Current
x36
(Device Selected,
x18
All Outputs Open, Freq = Max,
VDD = Max, VDDQ = Max). Includes
Supply Currents for VDD.
IDD1
500
450
480
430
460
410
440
390
500
450
mA
5
Quiescent Active Power Supply Current
(Device Selected, All Outputs Open,
Freq = 0, VDD = Max, VDDQ = Max).
Includes Supply Currents for VDD.
IDD2
175
175
175
175
175
mA
6
Active Standby Power Supply Current
(Device Deselected, Freq = Max,
VDD = Max, VDDQ = Max).
ISB1
200
195
190
185
200
mA
7
CMOS Standby Supply Current (Device
Deselected, Freq = 0, VDD = Max,
VDDQ = Max, All Inputs Static at
CMOS Levels).
ISB2
175
175
175
175
175
mA
6, 7
Sleep Mode Current (ZZ = VIH,
VDD = Max, VDDQ = Max)
IZZ
50
50
50
50
50
mA
6, 7
Input Reference DC Voltage
Vref (dc)
0.6
1.3
V
8
NOTES:
1. All data sheet parameters specified to full range of VDD unless otherwise noted. All voltages are referenced to voltage applied to VSS bumps.
2. Supply voltage applied to VDD connections.
3. Supply voltage applied to VDDQ connections.
4. All power supply currents measured with outputs open or deselected.
5. All inputs are zero.
6. CMOS levels for I/Os are VIC ≤ VSS + 0.2 V or ≥ VDDQ – 0.2 V.
7. Device deselected as defined by the Truth Table.
8. Although considerable latitude in the selection of the nominal dc value (i.e., rms value) of Vref is supported, the peak to peak ac component
superimposed on Vref may not exceed 5% of the dc component of Vref.
DC INPUT CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Notes
DC Input Logic High
VIH (dc)
Vref + 0.1
VDDQ + 0.3
V
DC Input Logic Low
VIL (dc)
–0.3
Vref – 0.1
V
Input Leakage Current
Ilkg(I)
±5
µA
1, 2
Clock Input Signal Voltage
Vin (dc)
–0.3
2.5
V
Clock Input Differential Voltage
VDIF (dc)
0.2
2.5
V
3
Clock Input Common Mode Voltage Range (See Figure 2)
VCM (dc)
0.60
1.3
V
4
Clock Input Crossing Point Voltage Range (See Figure 2)
VX
0.60
1.3
V
NOTES:
1. 0 V
≤ Vin ≤ VDDQ for all pins.
2. Measured at Vref = 0.75 V.
3. Minimum instantaneous differential input voltage required for differential input clock operation.
4. Maximum rejectable common mode input voltage variation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63R836FC4.0

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com