Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP03383 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # XP03383
Description  Silicon NPN(PNP) epitaxial planer transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP03383 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  XP03383 Datasheet HTML 1Page - Panasonic Semiconductor XP03383 Datasheet HTML 2Page - Panasonic Semiconductor XP03383 Datasheet HTML 3Page - Panasonic Semiconductor XP03383 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Composite Transistors
XP03383
Common characteristics chart
PT — Ta
Characteristics charts of UTr1
IC — VCE
VCE(sat) — IC
hFE — IC
Cob — VCB
IO — VIN
VIN — IO
0
012
210
48
6
40
120
80
160
140
100
60
20
Collector to emitter voltage VCE (V)
Ta=25˚C
IB=1.0mA
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
0.8mA
0.9mA
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
13
100
200
300
400
350
250
150
50
10
30
100
300
1000
Collector current IC (mA)
VCE=10V
Ta=75˚C
25˚C
– 25˚C
0
0.1
0.3
6
5
4
3
2
1
1
3
10
30
100
Collector to base voltage
VCB (V)
f=1MHz
IE=0
Ta=25˚C
1
3
0.4
10
30
100
300
1000
3000
10000
1.4
1.2
1.0
0.8
0.6
Input voltage VIN (V)
VO=5V
Ta=25˚C
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Output current IO (mA)
VO=0.2V
Ta=25˚C
0
50
100
150
200
250
020
40
80
60
140
120
100
160
Ambient temperature Ta (˚C)


Similar Part No. - XP03383

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP03389 PANASONIC-XP03389 Datasheet
111Kb / 5P
   Silicon NPN epitaxial planar type
More results

Similar Description - XP03383

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN1601 PANASONIC-XN1601 Datasheet
60Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XN4314 PANASONIC-XN4314 Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP0431N PANASONIC-XP0431N Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP4401 PANASONIC-XP4401 Datasheet
42Kb / 3P
   Silicon NPN(PNP) epitaxial planer transistor
XP1C301 PANASONIC-XP1C301 Datasheet
56Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XN04A88 PANASONIC-XN04A88 Datasheet
51Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XN4381 PANASONIC-XN4381 Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP4312 PANASONIC-XP4312 Datasheet
110Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
XP4654 PANASONIC-XP4654 Datasheet
60Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP1B301 PANASONIC-XP1B301 Datasheet
56Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XP4314 PANASONIC-XP4314 Datasheet
109Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com