Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62U8100BLLSR Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY62U8100BLLSR
Description  128K x8 bit 3.0V Low Power CMOS slow SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62U8100BLLSR Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY62U8100BLLSR Datasheet HTML 1Page - Hynix Semiconductor HY62U8100BLLSR Datasheet HTML 2Page - Hynix Semiconductor HY62U8100BLLSR Datasheet HTML 3Page - Hynix Semiconductor HY62U8100BLLSR Datasheet HTML 4Page - Hynix Semiconductor HY62U8100BLLSR Datasheet HTML 5Page - Hynix Semiconductor HY62U8100BLLSR Datasheet HTML 6Page - Hynix Semiconductor HY62U8100BLLSR Datasheet HTML 7Page - Hynix Semiconductor HY62U8100BLLSR Datasheet HTML 8Page - Hynix Semiconductor HY62U8100BLLSR Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HY62U8100B Series
Rev 13 / Apr. 2001
4
AC CHARACTERISTICS
Vcc = 2.7V~3.3V, TA = 0
°C to 70°C / -25°C to 85°C (E) / -40°C to 85°C (I), unless otherwise specified
-70*
-85
-10
Min.
Max.
Min.
Max.
Min
Max.
1
tRC
Read Cycle Time
70
-
85
-
100
-
ns
2
tAA
Address Access Time
-
70
-
85
-
100
ns
3
tACS
Chip Select Access Time
-
70
-
85
-
100
ns
4
tOE
Output Enable to Output Valid
-
40
-
45
-
50
ns
5
tCLZ
Chip Select to Output in Low Z
10
-
10
-
10
-
ns
6
tOLZ
Output Enable to Output in Low Z
5
-
5
-
5
-
ns
7
tCHZ
Chip Deselection to Output in High Z
0
30
0
30
0
30
ns
8
tOHZ
Out Disable to Output in High Z
0
30
0
30
0
30
ns
9
tOH
Output Hold from Address Change
10
-
10
-
15
-
ns
10
tWC
Write Cycle Time
70
-
85
-
100
-
ns
11
tCW
Chip Selection to End of Write
60
-
70
-
80
-
ns
12
tAW
Address Valid to End of Write
60
-
70
-
80
-
ns
13
tAS
Address Set-up Time
0
-
0
-
0
-
ns
14
tWP
Write Pulse Width
50
-
55
-
75
-
ns
15
tWR
Write Recovery Time
0
-
0
-
0
-
ns
16
tWHZ
Write to Output in High Z
0
25
0
30
0
35
ns
17
tDW
Data to Write Time Overlap
30
-
40
-
45
-
ns
18
tDH
Data Hold from Write Time
0
-
0
-
0
-
ns
19
tOW
Output Active from End of Write
5
-
5
-
10
-
ns
Note * 70ns is available with 30pF test load
AC TEST CONDITIONS
TA = 0
°C to 70°C / -25°C to 85°C (E) / -40°C to 85°C (I), unless otherwise specified
Parameter
Value
Input Pulse Level
0.4V to 2.2V
Input Rise and Fall Time
5ns
Input and Output Timing Reference Level
1.5V
Output Load
tCLZ,tOLZ,tCHZ,tOHZ,tWHZ,tOW
CL =
5pF + 1TTL Load
Others
CL = 100pF + 1TTL Load
CL = 30pF + 1TTL Load
AC TEST LOADS
CL(1)
TTL
Note : 1 Including jig and scope capacitance
READ CYCLE
Symbol
Parameter
#
Unit
WRITE CYCLE


Similar Part No. - HY62U8100BLLSR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8200B-E HYNIX-HY62U8200B-E Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8200B-I HYNIX-HY62U8200B-I Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY62U8400ALLG HYNIX-HY62U8400ALLG Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
More results

Similar Description - HY62U8100BLLSR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
   512K x8 bit 5.0V Low Power CMOS slow SRAM
logo
STMicroelectronics
M68AW127B STMICROELECTRONICS-M68AW127B Datasheet
327Kb / 20P
   1Mbit 128K x8, 3.0V Asynchronous SRAM
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com