Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62U8100BLLST Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY62U8100BLLST
Description  128K x8 bit 3.0V Low Power CMOS slow SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62U8100BLLST Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY62U8100BLLST Datasheet HTML 1Page - Hynix Semiconductor HY62U8100BLLST Datasheet HTML 2Page - Hynix Semiconductor HY62U8100BLLST Datasheet HTML 3Page - Hynix Semiconductor HY62U8100BLLST Datasheet HTML 4Page - Hynix Semiconductor HY62U8100BLLST Datasheet HTML 5Page - Hynix Semiconductor HY62U8100BLLST Datasheet HTML 6Page - Hynix Semiconductor HY62U8100BLLST Datasheet HTML 7Page - Hynix Semiconductor HY62U8100BLLST Datasheet HTML 8Page - Hynix Semiconductor HY62U8100BLLST Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HY62U8100B Series
Rev 13 / Apr. 2001
2
ORDERING INFORMATION
Part No.
Speed
Power
Temp.
Package
HY62U8100BLLG
70*/85/100
LL-part
SOP
HY62U8100BLLT1
70*/85/100
LL-part
TSOP-I(Standard)
HY62U8100BLLR1
70*/85/100
LL-part
TSOP-I(Reversed)
HY62U8100BLLST
70*/85/100
LL-part
smaller TSOP-I(Standard)
HY62U8100BLLSR
70*/85/100
LL-part
smaller TSOP-I(Reversed)
HY62U8100BLLG-E
70*/85/100
LL-part
E
SOP
HY62U8100BLLT1-E
70*/85/100
LL-part
E
TSOP-I(Standard)
HY62U8100BLLR1-E
70*/85/100
LL-part
E
TSOP-I(Reversed)
HY62U8100BLLST-E
70*/85/100
LL-part
E
Smaller TSOP-I(Standard)
HY62U8100BLLSR-E
70*/85/100
LL-part
E
Smaller TSOP-I(Reversed)
HY62U8100BLLG-I
70*/85/100
LL-part
I
SOP
HY62U8100BLLT1-I
70*/85/100
LL-part
I
TSOP-I(Standard)
HY62U8100BLLR1-I
70*/85/100
LL-part
I
TSOP-I(Reversed)
HY62U8100BLLST-I
70*/85/100
LL-part
I
Smaller TSOP-I(Standard)
HY62U8100BLLSR-I
70*/85/100
LL-part
I
Smaller TSOP-I(Reversed)
Note 1. Blank : Commercial, E : Extended, I : Industrial
* 70ns is available with 30pF test load
ABSOLUTE MAXIMUM RATING (1)
Symbol
Parameter
Rating
Unit
Remark
Vcc, VIN, VOUT
Power Supply, Input/Output Voltage
-0.3 to 4.6
V
TA
Operating Temperature
0 to 70
°C
HY62U8100B
-25 to 85
°C
HY62U8100B-E
-40 to 85
°C
HY62U8100B-I
TSTG
Storage Temperature
-65 to 125
°C
PD
Power Dissipation
10
W
IOUT
Data Output Current
50
mA
TSOLDER
Lead Soldering Temperature & Time
260
• 10
°C•sec
Note
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is stress rating only and the functional operation of the device under these or
any other conditions above those indicated in the operation of this specification is not implied.
Exposure to the absolute maximum rating conditions for extended period may affect reliability.
TRUTH TABLE
/CS1
CS2
/WE
/OE
Mode
I/O
Power
H
X
X
X
Deselected
High-Z
Standby
X
L
X
X
Deselected
High-Z
Standby
L
H
H
H
Output Disabled
High-Z
Active
L
H
H
L
Read
Data Out
Active
L
H
L
X
Write
Data In
Active
Note :
1. H=VIH, L=VIL, X=don't care( VIH or VIL )


Similar Part No. - HY62U8100BLLST

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8200B-E HYNIX-HY62U8200B-E Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8200B-I HYNIX-HY62U8200B-I Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY62U8400ALLG HYNIX-HY62U8400ALLG Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
More results

Similar Description - HY62U8100BLLST

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
   512K x8 bit 5.0V Low Power CMOS slow SRAM
logo
STMicroelectronics
M68AW127B STMICROELECTRONICS-M68AW127B Datasheet
327Kb / 20P
   1Mbit 128K x8, 3.0V Asynchronous SRAM
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com