Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP03311 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XP03311
Description  Silicon NPN(PNP) epitaxial planer transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP03311 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XP03311 Datasheet HTML 1Page - Panasonic Semiconductor XP03311 Datasheet HTML 2Page - Panasonic Semiconductor XP03311 Datasheet HTML 3Page - Panasonic Semiconductor XP03311 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Composite Transistors
s Electrical Characteristics (Ta=25˚C)
q
Tr1
q
Tr2
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = –10µA, IE = 0
–50
V
Collector to emitter voltage
VCEO
IC = –2mA, IB = 0
–50
V
Collector cutoff current
ICBO
VCB = –50V, IE = 0
– 0.1
µA
ICEO
VCE = –50V, IB = 0
– 0.5
µA
Emitter cutoff current
IEBO
VEB = –6V, IC = 0
– 0.5
mA
Forward current transfer ratio
hFE
VCE = –10V, IC = –5mA
35
Collector to emitter saturation voltage
VCE(sat)
IC = –10mA, IB = – 0.3mA
– 0.25
V
Output voltage high level
VOH
VCC = –5V, VB = – 0.5V, RL = 1kΩ
–4.9
V
Output voltage low level
VOL
VCC = –5V, VB = –2.5V, RL = 1kΩ
– 0.2
V
Input resistance
R1
–30%
10
+30%
k
Resistance ratio
R1/R2
0.8
1.0
1.2
Transition frequency
fT
VCB = –10V, IE = 1mA, f = 200MHz
80
MHz
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = 10µA, IE = 0
50
V
Collector to emitter voltage
VCEO
IC = 2mA, IB = 0
50
V
Collector cutoff current
ICBO
VCB = 50V, IE = 0
0.1
µA
ICEO
VCE = 50V, IB = 0
0.5
µA
Emitter cutoff current
IEBO
VEB = 6V, IC = 0
0.5
mA
Forward current transfer ratio
hFE
VCE = 10V, IC = 5mA
35
Collector to emitter saturation voltage
VCE(sat)
IC = 10mA, IB = 0.3mA
0.25
V
Output voltage high level
VOH
VCC = 5V, VB = 0.5V, RL = 1kΩ
4.9
V
Output voltage low level
VOL
VCC = 5V, VB = 2.5V, RL = 1kΩ
0.2
V
Input resistance
R1
–30%
10
+30%
k
Resistance ratio
R1/R2
0.8
1.0
1.2
Transition frequency
fT
VCB = 10V, IE = –1mA, f = 200MHz
150
MHz
XP03311


Similar Part No. - XP03311

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP03312 PANASONIC-XP03312 Datasheet
51Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP03312 PANASONIC-XP03312 Datasheet
256Kb / 6P
   Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2
XP03312 PANASONIC-XP03312_13 Datasheet
256Kb / 6P
   Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2
XP03316 PANASONIC-XP03316 Datasheet
106Kb / 5P
   Silicon NPN epitaxial planar type
More results

Similar Description - XP03311

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN1601 PANASONIC-XN1601 Datasheet
60Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XN4314 PANASONIC-XN4314 Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP0431N PANASONIC-XP0431N Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP4401 PANASONIC-XP4401 Datasheet
42Kb / 3P
   Silicon NPN(PNP) epitaxial planer transistor
XP1C301 PANASONIC-XP1C301 Datasheet
56Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XN04A88 PANASONIC-XN04A88 Datasheet
51Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XN4381 PANASONIC-XN4381 Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP4312 PANASONIC-XP4312 Datasheet
110Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
XP4654 PANASONIC-XP4654 Datasheet
60Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP1B301 PANASONIC-XP1B301 Datasheet
56Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XP4314 PANASONIC-XP4314 Datasheet
109Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com