Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3239ITS-1.85-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3239ITS-1.85-T1
Description  500mA MicroPower LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3239ITS-1.85-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3239ITS-1.85-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3239ITS-1.85-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3239ITS-1.85-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3239ITS-1.85-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3239ITS-1.85-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3239ITS-1.85-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3239ITS-1.85-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3239ITS-1.85-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3239ITS-1.85-T1 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AAT3239
500mA MicroPower™ LDO
3239.2006.03.1.2
11
diode.
Conditions where V
OUT might exceed VIN
should be avoided since this would forward bias
the internal parasitic diode and allow excessive
current flow into the V
OUT pin, possibly damaging
the LDO regulator.
In applications where there is a possibility of V
OUT
exceeding V
IN for brief amounts of time during nor-
mal operation, the use of a larger value C
IN capaci-
tor is highly recommended. A larger value of C
IN
with respect to C
OUT will effect a slower CIN decay
rate during shutdown, thus preventing V
OUT from
exceeding V
IN.
In applications where there is a
greater danger of V
OUT exceeding VIN for extended
periods of time, it is recommended to place a
Schottky diode across V
IN to VOUT (connecting the
cathode to V
IN and anode to VOUT).
The Schottky
diode forward voltage should be less than 0.45 volts.
Thermal Considerations and High
Output Current Applications
The AAT3239 is designed to deliver a continuous
output load current of 500mA under normal opera-
tions. The short-circuit current limit is greater than
500mA, typically active at 600mA.
The limiting characteristics for the maximum output
load current safe operating area is essentially pack-
age power dissipation, the internal preset thermal
limit of the device, and the input-to-output voltage
drop across the AAT3239. In order to obtain high
operating currents, careful device layout and circuit
operating conditions need to be taken into account.
The following discussions will assume the LDO reg-
ulator is mounted on a printed circuit board utilizing
the minimum recommended footprint as stated in
the layout considerations section of this document.
At any given ambient temperature (T
A), the maxi-
mum package power dissipation can be determined
by the following equation:
Constants for the AAT3239 are T
J(MAX), the maxi-
mum junction temperature for the device which is
125°C, and T
JA = 90°C/W, the package thermal
resistance. Typically, maximum conditions are calcu-
lated at the maximum operating temperature of T
A =
85°C and under normal ambient conditions where
T
A = 25°C. Given TA = 85°C, the maximum package
power dissipation is 444mW. At T
A = 25°C, the max-
imum package power dissipation is 1.11W.
The maximum continuous output current for the
AAT3239 is a function of the package power dissi-
pation and the input-to-output voltage drop across
the LDO regulator. Refer to the following simple
equation:
For example, if V
IN = 4.2V, VOUT = 1.8V, and TA =
25°C, I
OUT(MAX) < 463mA. If the output load current
were to exceed 463mA or if the ambient tempera-
ture were to increase, the internal die temperature
would increase. If the condition remained constant,
the LDO regulator thermal protection circuit would
activate.
To determine the maximum output current for a
given output voltage, refer to the following equa-
tion. This calculation accounts for the total power
dissipation of the LDO regulator, including that
caused by ground current.
This formula can be solved for I
OUT to determine the
maximum output current.
IOUT =
PD(MAX) - (VIN × IGND)
VIN - VOUT
PD(MAX) = (VIN - VOUT)IOUT + (VIN x IGND)
IOUT(MAX) <
PD(MAX)
VIN - VOUT
PD(MAX) =
TJ(MAX) - TA
θ
JA


Similar Part No. - AAT3239ITS-1.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.5-T1 ANALOGICTECH-AAT3232IGV-2.5-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.7-T1 ANALOGICTECH-AAT3232IGV-2.7-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.8-T1 ANALOGICTECH-AAT3232IGV-2.8-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-3.0-T1 ANALOGICTECH-AAT3232IGV-3.0-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results

Similar Description - AAT3239ITS-1.85-T1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
logo
California Micro Device...
CM3019 CALMIRCO-CM3019 Datasheet
178Kb / 8P
   Micropower, 500mA Low Noise CMOS LDO Regulator
CM3016-48 CALMIRCO-CM3016-48 Datasheet
216Kb / 10P
   Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
   500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Holtek Semiconductor In...
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
STMicroelectronics
ST1534A STMICROELECTRONICS-ST1534A Datasheet
552Kb / 15P
   500mA SMART LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com