Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3239ITS-1.5-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3239ITS-1.5-T1
Description  500mA MicroPower LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3239ITS-1.5-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3239ITS-1.5-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3239ITS-1.5-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3239ITS-1.5-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3239ITS-1.5-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3239ITS-1.5-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3239ITS-1.5-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3239ITS-1.5-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3239ITS-1.5-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3239ITS-1.5-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AAT3239
500mA MicroPower™ LDO
3239.2006.03.1.2
1
General Description
The AAT3239 MicroPower low dropout (LDO) linear
regulator is ideally suited for portable applications
where very fast transient response, extended battery
life, and small size are critical. The AAT3239 has
been specifically designed for high-speed turn-on
and turn-off performance, fast transient response,
good power supply rejection ratio (PSRR), and is
reasonably low noise, making it ideal for powering
sensitive circuits with fast switching requirements.
Other features include low quiescent current, typical-
ly 70µA, and low dropout voltage which is typically
less than 400mV at 300mA. The device is output
short-circuit protected and has a thermal shutdown
circuit for additional protection under extreme operat-
ing conditions.
The AAT3239 also features a low-power shutdown
mode for extended battery life. A reference bypass
pin has been provided to improve PSRR perform-
ance and output noise by connecting a small exter-
nal capacitor from the AAT3239's reference output to
ground.
The AAT3239 is available in a Pb-free, 8-pin
TSOPJW package in factory-programmed voltages.
Features
500mA Output Current
Low Dropout: 400mV at 300mA
High Accuracy: ±2.0%
70µA Quiescent Current
Fast Line and Load Transient Response
High-Speed Device Turn-On and Shutdown
High Power Supply Rejection Ratio
Low Self Noise
Short-Circuit Protection
Over-Temperature Protection
Uses Low Equivalent Series Resistance
(ESR) Ceramic Capacitors
Noise Reduction Bypass Capacitor
Shutdown Mode for Longer Battery Life
Low Temperature Coefficient
TSOPJW 8-Pin Package
Applications
Cellular Phones
Digital Cameras
Notebook Computers
Personal Portable Electronics
Portable Communication Devices
Typical Application
AAT3239
EN
IN
OUT
BYP
GND
ON/OFF
1µF
10nF
2.2µF
VIN
GND
GND
VOUT
PowerLinear


Similar Part No. - AAT3239ITS-1.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.5-T1 ANALOGICTECH-AAT3232IGV-2.5-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.7-T1 ANALOGICTECH-AAT3232IGV-2.7-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.8-T1 ANALOGICTECH-AAT3232IGV-2.8-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-3.0-T1 ANALOGICTECH-AAT3232IGV-3.0-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results

Similar Description - AAT3239ITS-1.5-T1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
logo
California Micro Device...
CM3019 CALMIRCO-CM3019 Datasheet
178Kb / 8P
   Micropower, 500mA Low Noise CMOS LDO Regulator
CM3016-48 CALMIRCO-CM3016-48 Datasheet
216Kb / 10P
   Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
   500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Holtek Semiconductor In...
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
STMicroelectronics
ST1534A STMICROELECTRONICS-ST1534A Datasheet
552Kb / 15P
   500mA SMART LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com