Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2678 Datasheet(PDF) 2 Page - Rohm

Part # 2SD2678
Description  3A / 12V Bipolar transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2678 Datasheet(HTML) 2 Page - Rohm

  2SD2678 Datasheet HTML 1Page - Rohm 2SD2678 Datasheet HTML 2Page - Rohm 2SD2678 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD2678
Transistors
2/2
10
100
1000
0.001
0.01
0.1
1
10
100
EMITTER TO BASE VOLTAGE : VEB(V)
COLLECTOR TO BASE VOLTAGE : VCB(V)
Fig.6 Collector output capacitance
vs. collector-base voltage
Emitter input capacitance
vs. emitter-base voltage
IC=0A
f=1MHz
Ta=25 C
Cib
Cob
Electrical characteristics curves
10
100
1000
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Fig.1 DC current gain
vs. collector current
VCE=
−2V
Pulsed
Ta=100 C
Ta=25 C
Ta=40 C
IC/IB=20/1
VCE=2V
Pulsed
Ta=25 C
Ta=
−45 C
Ta=100 C
0.01
0.1
1
10
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Fig.2 Collector-emitter saturation voltage
vs. collector current
0.1
1
10
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Fig.3 Base-emitter saturation voltage
vs.collector current
Ta=25 C
Pulsed
IC/IB=20/1
IC/IB=50/1
IC/IB=10/1
0.1
1
10
0.001
0.01
BASE TO EMITTER CURRENT : VBE (V)
0.1
1
10
Fig.4 Grounded emitter propagation
characteristics
IC/IB=20/1
Pulsed
Ta=100 C
Ta=25 C
Ta=
−45 C
10
100
1000
0.01
0.1
1
10
EMITTER CURRENT : IE (A)
Ta=25 C
VCE=
−2V
f= 100MHz
Fig.5 Gain bandwidth product
vs. emitter current


Similar Part No. - 2SD2678

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2670 ROHM-2SD2670 Datasheet
89Kb / 3P
   Low frequency amplifier
2SD2670 ROHM-2SD2670 Datasheet
64Kb / 3P
   Low frequency amplifier
2SD2670 ROHM-2SD2670_1 Datasheet
64Kb / 3P
   Low frequency amplifier
2SD2671 ROHM-2SD2671 Datasheet
68Kb / 3P
   Low frequency amplifier
2SD2672 ROHM-2SD2672 Datasheet
38Kb / 2P
   Low frequency amplifier
More results

Similar Description - 2SD2678

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1713 ROHM-2SB1713 Datasheet
100Kb / 3P
   -3A / -12V Bipolar transistor
logo
ON Semiconductor
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH6121 ONSEMI-CPH6121 Datasheet
535Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
logo
Weidmuller
2660200278 WEIDMULLER-2660200278 Datasheet
149Kb / 3P
   PRO PM 35W 12V 3A
logo
Rohm
QST2TR ROHM-QST2TR Datasheet
60Kb / 3P
   General purpose amplification (-12V, -3A)
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
   Low frequency amplifier (12V, 3A)
logo
Anpec Electronics Corop...
APW7143 ANPEC-APW7143 Datasheet
621Kb / 19P
   3A, 12V, Asynchronous Buck Converter
logo
Nexperia B.V. All right...
PHPT61003PY NEXPERIA-PHPT61003PY Datasheet
720Kb / 15P
   100 V, 3A PNP high power bipolar transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com