Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20DBL0629 Datasheet(PDF) 4 Page - Mimix Broadband

Part # 20DBL0629
Description  18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

20DBL0629 Datasheet(HTML) 4 Page - Mimix Broadband

  20DBL0629 Datasheet HTML 1Page - Mimix Broadband 20DBL0629 Datasheet HTML 2Page - Mimix Broadband 20DBL0629 Datasheet HTML 3Page - Mimix Broadband 20DBL0629 Datasheet HTML 4Page - Mimix Broadband 20DBL0629 Datasheet HTML 5Page - Mimix Broadband 20DBL0629 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
18.0-21.0/36.0-42.0 GHz GaAs MMIC
Doubler and Power Amplifier
20DBL0629
September 2005 - Rev 01-Sep-05
Page 4 of 6
App Note [1] Biasing
- It is recommended to separately bias each amplifier stage Vd1 through Vd6 at Vd1=2.5V, Vd2=3.0V, Vd(3,4,5,6)=4.5V with
Id1<1mA, Id2=20mA, Id3=40mA, Id4=70mA, Id5=150mA, Id6=270mA. Separate biasing is recommended if the amplifier is to be used at high levels
of saturation, where gate rectification will alter the effective gate control voltage. As shown in the bonding diagram, it is possible to parallel stages
Vd(3,4,5) with Id(3,4,5)=260mA while maintaining satisfactory performance. For non-critical applications it is possible to parallel stages Vd(3,4,5,6)
together and adjust the common gate voltage Vg(3,4,5,6) for total drain current Id(total)=530mA. It is also recommended to use active biasing to
keep the currents constant as the RF power and temperature vary; this gives the most reproducible results. Depending on the supply voltage
available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational amplifier, with a low value
resistor in series with the drain supply used to sense the current. The gate of the pHEMT is controlled to maintain correct drain current and thus
drain voltage. The typical gate voltage needed to do this is -0.7V. Typically the gate is protected with Silicon diodes to limit the applied voltage. Also,
make sure to sequence the applied voltage to ensure negative gate bias is available before applying the positive drain supply.
App Note [2] Bias Arrangement -
For Parallel Stage Bias (Recommended for general applications) -- The same as Individual Stage Bias but all the drain pad DC bypass capacitors
(~100-200 pF) can be combined. Additional DC bypass capacitance (~0.01 uF) is also recommended to all DC or combination (if gate or drains are
tied together) of DC bias pads. Vd(3,4,5,6) or Vg(3,4,5,6) have been tied together but can be left open.
For Individual Stage Bias (Recommended for saturated applications) -- Each DC pad (Vd1,2,3,4,5,6 and Vg1,2,3,4,5,6) needs to have DC bypass
capacitance (~100-200 pF) as close to the device as possible. Additional DC bypass capacitance (~0.01 uF) is also recommended.
MTTF Tables
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
TBD
TBD
TBD
FITs
TBD
TBD
TBD
MTTF Hours
TBD
TBD
TBD
Rth
TBD
TBD
TBD
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.


Similar Part No. - 20DBL0629

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
More results

Similar Description - 20DBL0629

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1001-BD MIMIX-XX1001-BD Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
XX1001-QK MIMIX-XX1001-QK_09 Datasheet
220Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler
XX1001-QK MIMIX-XX1001-QK Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK MIMIX-XX1001-QK_07 Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
logo
M/A-COM Technology Solu...
XU1009-BD MA-COM-XU1009-BD Datasheet
277Kb / 9P
   18.0-36.0 GHz GaAs MMIC
logo
Mimix Broadband
XU1009-BD_0707 MIMIX-XU1009-BD_0707 Datasheet
282Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
XU1009-BD MIMIX-XU1009-BD Datasheet
281Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
26TX0555 MIMIX-26TX0555 Datasheet
292Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
XU1006-QB MIMIX-XU1006-QB_09 Datasheet
263Kb / 9P
   36.0-42.0 GHz GaAs Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com