Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6123A Datasheet(PDF) 1 Page - Sensitron

Part # 1N6123A
Description  TRANSIENT VOLTAGE SUPPRESSER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N6123A Datasheet(HTML) 1 Page - Sensitron

  1N6123A Datasheet HTML 1Page - Sensitron 1N6123A Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 287, REV -
TRANSIENT VOLTAGE SUPPRESSER DIODES
(AXIAL LEAD and MELF)
TRANSIENT VOLTAGE SUPPRESSORS, 500W SERIES
SERIES
TYPE
BREAK-
DOWN
VOLTAGE
I(BR)
TEST
CURRENT
I(BR)
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
MAXIMUM
REVERSE
CURRENT
IR1
MAX.
CLAMP.
VOLTAGE
VC(max)
@ IP
tp = 1ms
MAX.
PEAK
PULSE
CURRENT
IP
MAX.
TEMP.
COEFFICIEN
T
V(BR)
MAX.
REVERSE
CURRENT
@ TA =
150
°C
PACKAGE
STYLE
500W
Min. Vdc
mA dc
Vdc
µAdc
V(pk)
A(pk)
% /
°C
µAdc
1N6102A
6.46
175
5.2
100
10.5
47.6
.05
4,000
1N6103A
7.13
175
5.7
50
11.2
44.6
.06
750
1N6104A
7.79
150
6.2
20
12.1
41.3
.06
500
1N6105A
8.65
150
6.9
20
13.4
37.3
.06
300
1N6106A
9.50
125
7.6
20
14.5
34.5
.07
200
1N6107A
10.45
125
8.4
20
15.6
32.0
.07
200
1N6108A
11.40
100
9.1
20
16.9
29.6
.07
150
1N6109A
12.35
100
9.9
20
18.2
27.5
.08
150
1N6110A
14.25
75
11.4
20
21.0
23.8
.08
100
1N6111A
15.20
75
12.2
20
22.3
22.4
.08
100
1N6112A
17.10
65
13.7
1.0
25.1
19.9
.085
100
1N6113A
19.00
65
15.2
1.0
27.7
18.0
.085
100
1N6114A
20.9
50
16.7
1.0
30.5
16.4
.085
100
1N6115A
22.8
50
18.2
1.0
33.3
15.0
.09
100
1N6116A
25.7
50
20.6
1.0
37.4
13.4
.09
100
1N6117A
28.5
40
22.8
1.0
41.6
12.0
.09
100
1N6118A
31.4
40
25.1
1.0
45.7
10.9
.095
100
1N6119A
34.2
30
27.4
1.0
49.9
10.0
.095
100
1N6120A
37.1
30
29.7
1.0
53.6
9.3
.095
100
1N6121A
40.9
30
32.7
1.0
59.1
8.5
.095
100
1N6122A
44.7
25
35.8
1.0
64.6
7.7
.095
100
1N6123A
48.5
25
38.8
1.0
70.1
7.1
.095
100
1N6124A
53.2
20
42.6
1.0
77.0
6.5
.095
100
1N6125A
58.9
20
47.1
1.0
85.3
5.9
.100
100
1N6126A
64.6
20
51.7
1.0
97.1
5.1
.100
100
1N6127A
71.3
20
56.0
1.0
103.1
4.8
.100
100
1N6128A
77.9
15
62.2
1.0
112.8
4.4
.100
100
1N6129A
86.5
15
69.2
1.0
125.1
4.0
.100
100
1N6130A
95.0
12
76.0
1.0
137.6
3.6
.100
100
1N6131A
104.5
12
83.6
1.0
151.3
3.3
.100
100
1N6132A
114.0
10
91.2
1.0
165.1
3.0
.100
100
1N6133A
123.5
10
98.8
1.0
178.8
2.8
.105
100
1N6134A
142.5
8.0
114.0
1.0
206.3
2.4
.105
100
1N6135A
152
8.0
121.6
1.0
218.4
2.3
.105
100
1N6136A
171
5.0
136.8
1.0
245.7
2.0
.110
100
1N6137A
190
5.0
152.0
1.0
273.0
1.8
.110
100
Notes:
- PR = 2W for 500W peak pulse power devices at TA = +25°C.
- PR = 3W (for 500W peak pulse power devices at TL = +75°C for L = 0.375 inch (9.53mm).
- PPR = 500W
-55
°C ≤ T
op ≤ +175°C, -55°C ≤ Tstg ≤ +175°C (ambient temperatures).
1N6102A thru
1N6137A


Similar Part No. - 1N6123A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6123A SEMTECH-1N6123A Datasheet
31Kb / 2P
   QPL 500 Watt Axial Leaded TVS
logo
Microsemi Corporation
1N6123A MICROSEMI-1N6123A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6123A MICROSEMI-1N6123A Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Sensitron
1N6123A SENSITRON-1N6123A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
1N6123A SENSITRON-1N6123A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results

Similar Description - 1N6123A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST02-16G1 SHINDENGEN-ST02-16G1 Datasheet
927Kb / 11P
   Transient voltage suppresser
ST02-58G1 SHINDENGEN-ST02-58G1 Datasheet
886Kb / 11P
   Transient voltage suppresser
ST02-14G1 SHINDENGEN-ST02-14G1 Datasheet
926Kb / 11P
   Transient voltage suppresser
ST02-12G1 SHINDENGEN-ST02-12G1 Datasheet
918Kb / 11P
   Transient voltage suppresser
ST02-20G1 SHINDENGEN-ST02-20G1 Datasheet
906Kb / 11P
   Transient voltage suppresser
ST02-47G1 SHINDENGEN-ST02-47G1 Datasheet
914Kb / 11P
   Transient voltage suppresser
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com