Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN1N4247 Datasheet(PDF) 1 Page - Sensitron

Part # JAN1N4247
Description  HERMETIC AXIAL LEAD RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

JAN1N4247 Datasheet(HTML) 1 Page - Sensitron

  JAN1N4247 Datasheet HTML 1Page - Sensitron JAN1N4247 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
.250
.140
(6.35
3.56)
1.50
1.00
(38.1
25.4)
.150
.065
(3.81
1.65)
0.033
0.027
(.84
.69)
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 129, REV. A
HERMETIC AXIAL LEAD RECTIFIER
DESCRIPTION: A 200/400/600/800/1000 VOLT, 1.5 AMP, 5000 NANOSECOND RECTIFIER.
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25
oC unless otherwise specified.
RATING
CONDITIONS
MIN
TYP
MAX
UNIT
Peak Inverse Voltage
(PIV)
1N4245
1N4246
1N4247
1N4248
1N4249
-
-
-
200
400
600
800
1000
Vdc
Average DC Output
Current (Io)
TC = 55
oC
TC = 100
oC
-
-
1.5
1.0
Amps
Peak Single Cycle Surge
Current (Ifsm)
tp = 8.3 ms Single Half
Cycle Sine Wave,
Superimposed On
Rated Load
-
-
25
Amps(pk)
Operating and Storage
Temp. (Top & Tstg)
-
-65
-
+175
°C
Maximum Forward
Voltage (Vf)
If = 3.0A (300 µsec
pulse, duty cycle < 2%)
-
-
1.3
Volts
Maximum Instantaneous
Reverse Current At Rated
(PIV)
TA = 25 °C
TA = 100 °C
-
-
1.0
25
µAmps
Reverse Recovery Time
(trr)
If = 0.5A, Ir = 1.0A, Irr =
0.25A
-
-
5000
nsec
Thermal Resistance (RθJL)
-
-
-
38
°C/W
MECHANICAL DIMENSIONS: In Inches / mm
Note: The cathode side is marked with a dark colored band on the diode body.
JAN
JANTX
JANTXV
1N4245
1N4246
1N4247
1N4248
1N4249
PKG. 103


Similar Part No. - JAN1N4247

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N4247 MICROSEMI-JAN1N4247 Datasheet
41Kb / 2P
   MILITARY RECTIFIERS
More results

Similar Description - JAN1N4247

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
1N5806 SENSITRON-1N5806 Datasheet
47Kb / 2P
   HERMETIC AXIAL / MELF LEAD RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614 Datasheet
79Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_09 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_10 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N6628 SENSITRON-1N6628 Datasheet
58Kb / 3P
   HERMETIC ULTRAFAST RECTIFIER AXIAL LEAD / SURFACE MOUNT (MELF)
logo
ON Semiconductor
MBR3060 ONSEMI-MBR3060 Datasheet
154Kb / 5P
   Axial Lead Rectifier
September, 2006 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com