Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F3AA006EKS Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-F3AA006EKS
Description  1 POLE 3A SsLIM TYPE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F3AA006EKS Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-F3AA006EKS Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F3AA006EKS Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F3AA006EKS Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F3AA006EKS Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F3AA006EKS Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F3AA006EKS Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FTR-F3 sERIEs
n
sPEcIFIcATIONs
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand
expectedreliabilitylevels.
n
sAFETY sTANDARD AND FILE NuMBERs
UL508(FileNo.E63614);C22.2No.14(FileNo.LR40304),VDE0435(FileNo.11039-4940-0021)
PleasenotethatUL/CSAratingsmaydifferfromthestandardratings.
Pleaserequestwhentheapprovalmarkingsarerequiredonthecoverand/orrelayrecognizedbySEVis
required..
e
p
y
T
e
g
a
tl
o
V
l
a
n
i
m
o
N
g
n
it
a
R
t
c
a
t
n
o
C
3
F
-
R
T
F
C
D
V
4
2
o
t
5
V
5
2
1
P
H
0
1
/
1
C
A
V
7
7
2
P
H
8
/
1
0
0
3
D
y
t
u
d
t
o
li
P
,.
s
e
r
C
A
V
7
7
2
/
C
D
V
0
3
A
3
A
H
-
3
F
-
R
T
F
C
D
V
4
2
o
t
5
C
A
V
7
7
2
P
H
8
/
1
C
A
V
5
2
1
P
H
0
1
/
1
0
0
3
D
y
t
u
d
t
o
li
P
,
e
v
it
s
i
s
e
r
C
A
V
7
7
2
/
C
D
V
0
3
A
5
m
e
tI
A
5
A
3
A
H
-
)
(
3
F
-
R
T
F
)
(
3
F
-
R
T
F
t
c
a
t
n
o
C
t
n
e
m
e
g
n
a
r
r
A
)
O
N
-
T
S
P
S
(
A
m
r
o
F
1
l
a
ir
e
t
a
M
y
o
ll
A
r
e
v
li
S
)l
a
it
i
n
i(
e
c
n
a
t
s
i
s
e
R
m
0
0
1
m
u
m
i
x
a
M
ohm
)
C
D
V
6
A
1
t
a
(
)
e
v
it
s
i
s
e
r
(
g
n
it
a
R
A
5
,
C
D
V
0
3
/
C
A
V
0
5
2
A
3
,
C
D
V
0
3
/
C
A
V
0
5
2
g
n
it
a
R
g
n
i
y
r
r
a
C
m
u
m
i
x
a
M
A
5
r
e
w
o
P
g
n
i
h
c
ti
w
S
m
u
m
i
x
a
M
W
0
5
1
/
A
V
0
5
2
1
W
0
9
/
A
V
0
5
7
g
a
tl
o
V
g
n
i
h
c
ti
w
S
m
u
m
i
x
a
M
e
C
D
V
0
3
/
C
A
V
7
7
2
t
n
e
r
r
u
C
g
n
i
h
c
ti
w
S
m
u
m
i
x
a
M
A
5
*
d
a
o
L
g
n
i
h
c
ti
w
S
m
u
m
i
n
i
M
1
C
D
V
5
,
A
m
0
1
li
o
C
)
C
°
0
2
t
a
(
r
e
w
o
P
l
a
n
i
m
o
N
W
2
.
0
)
C
°
0
2
t
a
(
r
e
w
o
P
e
t
a
r
e
p
O
W
1
1
.
0
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
)t
s
o
rf
o
n
(
C
°
0
7
+
o
t
C
°
0
4
-
e
u
l
a
V
e
m
i
T
e
m
i
T
e
t
a
r
e
p
O
)
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
s
m
0
1
m
u
m
i
x
a
M
e
m
i
T
e
s
a
e
l
e
R
)
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
s
m
0
1
m
u
m
i
x
a
M
n
o
it
a
l
u
s
n
I
)
C
D
V
0
0
5
t
a
(
e
c
n
a
t
s
i
s
e
R
M
0
0
0
,
1
m
u
m
i
n
i
M
h
t
g
n
e
rt
S
c
ir
t
c
e
l
e
i
D
s
t
c
a
t
n
o
c
n
e
p
o
n
e
e
w
t
e
b
e
t
u
n
i
m
1
C
A
V
0
5
7
s
t
c
a
t
n
o
c
d
n
a
li
o
c
n
e
e
w
t
e
b
e
t
u
n
i
m
1
C
A
V
0
0
0
,
4
h
t
g
n
e
rt
S
e
g
r
u
S
0
5
x
2
.
1
/
V
0
0
0
,
0
1
m
s
t
c
a
t
n
o
C
d
n
a
li
o
C
n
e
e
w
t
e
B
s
e
fi
L
l
a
c
i
n
a
h
c
e
M
0
1
x
5
6
m
u
m
i
n
i
m
s
n
o
it
a
r
e
p
o
l
a
c
ir
t
c
e
l
E
0
1
x
0
0
1
3
.
n
i
m
.
s
p
o
0
1
x
0
0
2
3
.
n
i
m
.
s
p
o
n
o
it
a
r
b
i
V
n
o
it
a
r
e
p
o
s
i
M
)
m
m
5
.
1
f
o
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
(
z
H
5
5
-
0
1
e
c
n
a
r
u
d
n
E
)
m
m
5
.
1
f
o
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
(
z
H
5
5
-
0
1
k
c
o
h
S
n
o
it
a
r
e
p
o
s
i
M
s
/
m
0
0
1
2
)
s
m
1
±
1
1
(
e
c
n
a
r
u
d
n
E
s
/
m
0
0
0
,
1
2
)
s
m
1
±
6
(
t
h
g
i
e
W
g
4
y
l
e
t
a
m
i
x
o
r
p
p
A
ohm


Similar Part No. - FTR-F3AA006EKS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3AA006EKS FUJITSU-FTR-F3AA006EKS Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
More results

Similar Description - FTR-F3AA006EKS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
   POWER RELAY 1 POLE - High Capacity 32A Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com