Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTL-35PGCS-G9-P Datasheet(PDF) 2 Page - DB Lectro Inc

Part # BTL-35PGCS-G9-P
Description  MEGA BRIGHT LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BTL-35PGCS-G9-P Datasheet(HTML) 2 Page - DB Lectro Inc

  BTL-35PGCS-G9-P Datasheet HTML 1Page - DB Lectro Inc BTL-35PGCS-G9-P Datasheet HTML 2Page - DB Lectro Inc BTL-35PGCS-G9-P Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MEGA BRIGHT LED
BTL-35PGCS-XX-X
Absolute Maximum Ratings at Ta=25℃
Symbol
Parameter
Max.
Unit
PD
Power Rating
100
mW
VR
Reverse Voltage (IR=10µA)
5
V
IF
Continuous Forward Current
30
mA
IFP
Peak Forward Current (0.1 duty cycle @ 1kHz)
100
mA
Topr
Operating Temperature Range
–35 ~ + 80
Tstg
Storage Temperature Range
–40 ~ + 100
Lead Soldering Temperature [1.6mm (0.063inch) from body]
260℃ - max 5 seconds
Wavelength and Brightness Selection
BTL-35PGCS-XX-X
Wavelength Bin Selection
Brightness Bin Selection
Bin
Green (nm)
G7
520~525
G8
525~530
G9
530~535
XX
520~535
Page 2 of 3
Bin
Range(mcd)
I
240~310
J
310~400
K
400~520
L
520~675
M
675~880
N
880~1140
O
1140~1485
P
1485~1930
Packaging Options
Standard: 1000 pc bulk pack
Optional: Tape and Reel (Please specify when order)
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dbelctro.com


Similar Part No. - BTL-35PGCS-G9-P

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTL-35BLCS-B5-H DBLECTRO-BTL-35BLCS-B5-H Datasheet
230Kb / 3P
   MEGA BRIGHT LED
BTL-35BLCS-B5-I DBLECTRO-BTL-35BLCS-B5-I Datasheet
230Kb / 3P
   MEGA BRIGHT LED
BTL-35BLCS-B5-J DBLECTRO-BTL-35BLCS-B5-J Datasheet
230Kb / 3P
   MEGA BRIGHT LED
BTL-35BLCS-B6-H DBLECTRO-BTL-35BLCS-B6-H Datasheet
230Kb / 3P
   MEGA BRIGHT LED
BTL-35BLCS-B6-I DBLECTRO-BTL-35BLCS-B6-I Datasheet
230Kb / 3P
   MEGA BRIGHT LED
More results

Similar Description - BTL-35PGCS-G9-P

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTL-52BLC-XX-X DBLECTRO-BTL-52BLC-XX-X Datasheet
225Kb / 3P
   MEGA BRIGHT LED
BTL-52YGC-XX-X DBLECTRO-BTL-52YGC-XX-X Datasheet
252Kb / 3P
   MEGA BRIGHT LED
BTL-55PGCS-XX-X DBLECTRO-BTL-55PGCS-XX-X Datasheet
186Kb / 3P
   MEGA BRIGHT LED
BTL-51WHC-XX-X DBLECTRO-BTL-51WHC-XX-X Datasheet
198Kb / 3P
   MEGA BRIGHT LED
BTL-52AMC-XX-X DBLECTRO-BTL-52AMC-XX-X Datasheet
223Kb / 3P
   MEGA BRIGHT LED
BTL-52PGC-XX-X DBLECTRO-BTL-52PGC-XX-X Datasheet
223Kb / 3P
   MEGA BRIGHT LED
BTL-52YEC-XX-X DBLECTRO-BTL-52YEC-XX-X Datasheet
224Kb / 3P
   MEGA BRIGHT LED
BTL-54YECS-XX-X DBLECTRO-BTL-54YECS-XX-X Datasheet
230Kb / 3P
   MEGA BRIGHT LED
BTL-51BGC-XX-X DBLECTRO-BTL-51BGC-XX-X Datasheet
222Kb / 3P
   MEGA BRIGHT LED
BTL-51NRC-XX-X DBLECTRO-BTL-51NRC-XX-X Datasheet
227Kb / 3P
   MEGA BRIGHT LED
BTL-52WHC-XX-X DBLECTRO-BTL-52WHC-XX-X Datasheet
197Kb / 3P
   MEGA BRIGHT LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com