Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5330 Datasheet(PDF) 6 Page - Enpirion, Inc.

Part # EN5330
Description  3A Voltage Mode Synchronous Buck PWM DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5330 Datasheet(HTML) 6 Page - Enpirion, Inc.

Back Button EN5330 Datasheet HTML 2Page - Enpirion, Inc. EN5330 Datasheet HTML 3Page - Enpirion, Inc. EN5330 Datasheet HTML 4Page - Enpirion, Inc. EN5330 Datasheet HTML 5Page - Enpirion, Inc. EN5330 Datasheet HTML 6Page - Enpirion, Inc. EN5330 Datasheet HTML 7Page - Enpirion, Inc. EN5330 Datasheet HTML 8Page - Enpirion, Inc. EN5330 Datasheet HTML 9Page - Enpirion, Inc. EN5330 Datasheet HTML 10Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev 1.0 – July 2005
www.enpirion.com
EN5330
6
Pin Descriptions
PIN
NAME
FUNCTION
1
COMP
Output of the buffer leading to the error amplifier. Used for external modifications of
the compensation network.
2
XFB
External feedback voltage input. Option for programming the output voltage with a
resistor divider on VOUT.
3
VSENSE
Remote voltage sense input. Connect this pin to the load voltage at the point to be
regulated.
4
EAIN
Input of the error amplifier for external modifications of the compensation network.
5
EAOUT
Output of the error amplifier for external modifications of the compensation network.
6
ENABLE
Enable input. An input high enables operation. An input low disables operation.
7
NC
NO CONNECT – Do not electrically connect this pin to PCB. See Note 5.
8
XOV
Over-Voltage set-point input. When using an external voltage divider and the XFB pin. When
VS0, VS1 and VS2 are left OPEN or pulled high, an additional voltage divider separate from
the XFB pin is required to set the OVP set-point. In this mode, the OVP function is disabled if
this voltage divider is not present.
9
10
11
12
PGND
Power ground for the power stage circuits.
13
14
15
16
17
18
VOUT
Voltage and power output.
19
VDRAIN
Test point between the power FETs and Inductor.
20
21
22
23
PGND
Power ground for the power stage circuits.
24
NC
NO CONNECT – Do not electrically connect this pin to PCB. See Note 5.
25
26
27
28
PVIN
Power voltage input for the power stage circuits.
29
VS2
Voltage select line 2 input. See Table 1.
30
ROCP
Over-Current trip point adjust input. Used for adjusting the OCP trip point.
31
VS1
Voltage select line 1 input. See Table 1.
32
AVIN
Analog voltage input for the controller circuits.
33
AGND
Analog ground for the controller circuits.
34
VS0
Voltage select line 0 input. See Table 1.
35
POK
Power OK is an open drain transistor for power system state indication.
36
SS
Soft-Start node. A capacitor is connected between this pin and AGND.
NOTES:
5. This pin is used for engineering test purposes and reserved for future use. Solder, but do not electrically connect this pin to
the PCB.


Similar Part No. - EN5330

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Altera Corporation
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Enpirion, Inc.
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
   Output Voltage Programming
logo
Enpirion, Inc.
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN5330

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Fitipower Integrated Te...
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
   21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com