Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144WXV3T1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # DTA144WXV3T1
Description  Digital Transistors (BRT)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA144WXV3T1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button DTA144WXV3T1 Datasheet HTML 2Page - ON Semiconductor DTA144WXV3T1 Datasheet HTML 3Page - ON Semiconductor DTA144WXV3T1 Datasheet HTML 4Page - ON Semiconductor DTA144WXV3T1 Datasheet HTML 5Page - ON Semiconductor DTA144WXV3T1 Datasheet HTML 6Page - ON Semiconductor DTA144WXV3T1 Datasheet HTML 7Page - ON Semiconductor DTA144WXV3T1 Datasheet HTML 8Page - ON Semiconductor DTA144WXV3T1 Datasheet HTML 9Page - ON Semiconductor DTA144WXV3T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DTA114EXV3T1 Series
http://onsemi.com
8
TYPICAL ELECTRICAL CHARACTERISTICS − DTA114YXV3T1
10
1
0.1
0
102030
40
50
100
10
1
0
246
8
10
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8 1015 2025 3035 4045 50
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 18. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
0
204060
80
Figure 19. DC Current Gain
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 20. Output Capacitance
Figure 21. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 22. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
−25°C
25°C
TA =75°C
VCE = 10 V
180
160
140
120
100
80
60
40
20
0
2
4 6
8
15 20 40 50 60 70 80 90
f = 1 MHz
lE = 0 V
TA = 25°C
25°C
IC/IB = 10
TA =−25°C
TA =75°C
25°C
−25°C
VO = 5 V
VO = 0.2 V
25°C
TA =−25°C
75°C
75°C


Similar Part No. - DTA144WXV3T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA144W ONSEMI-DTA144W Datasheet
236Kb / 12P
   Bias Resistor Transistor
January, 2005 ??Rev. 14
logo
Rohm
DTA144W ROHM-DTA144W Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTA144W ROHM-DTA144W Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTA144W ROHM-DTA144W Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistors
DTA144WA ROHM-DTA144WA Datasheet
878Kb / 3P
   DTA/DTC SERIES
More results

Similar Description - DTA144WXV3T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2233 ONSEMI-MUN2233_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2232 ONSEMI-MUN2232_16 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
MUN2230 ONSEMI-MUN2230_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com