Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400MMW334KHPY7 Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # 400MMW334KHPY7
Description  METALLIZED POLYESTER FILM CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400MMW334KHPY7 Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  400MMW334KHPY7 Datasheet HTML 1Page - RUBYCON CORPORATION 400MMW334KHPY7 Datasheet HTML 2Page - RUBYCON CORPORATION 400MMW334KHPY7 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
METALLIZED POLYESTER FILM CAPACITORS
♦RATED VOLTAGE : 450VDC
: Tolerance(J:
±5%, K:±10%, M:±20%)
** : Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
450MMW184
HP**
450MMW224
HP**
450MMW274
HP**
450MMW334
HP**
450MMW394
HP**
450MMW474
HP**
450MMW564
HP**
450MMW684
HP**
450MMW824
HP**
450MMW105
HP**
450MMW125
HP**
450MMW155
HP**
450MMW185
HP**
450MMW225
HP**
cap(
µF)
AB
C
F
±1.5 LS±0.5
d
Bag
Carton
A
B, D
C
E
14.0
14.0
14.0
14.0
14.0
14.0
14.0
14.0
14.0
14.0
14.0
20.0
20.0
20.0
7.5
8.5
9.0
10.0
11.0
12.0
13.0
14.5
15.5
17.0
19.0
16.0
17.5
19.0
17.0
18.5
19.0
20.0
21.0
22.5
24.5
25.5
27.0
28.5
30.5
26.5
28.0
30.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
200
200
200
200
200
200
200
200
200
200
200
100
100
100
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
800
800
800
500
500
500
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
Long Lead type
Taping Ammo pack type - style
♦RATED VOLTAGE : 630VDC
: Tolerance(J:
±5%, K:±10%, M:±20%)
** : Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
630MMW184
HP**
630MMW224
HP**
630MMW274
HP**
630MMW334
HP**
630MMW394
HP**
630MMW474
HP**
630MMW564
HP**
630MMW684
HP**
630MMW824
HP**
630MMW105
HP**
cap(
µF)
AB
C
F
±1.5 LS±0.5
d
Bag
Carton
A
B, D
C
E
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
8.5
9.0
10.0
11.0
12.0
13.0
14.5
16.0
17.5
19.5
18.0
19.0
20.5
21.5
23.0
24.0
25.5
27.0
28.5
30.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
200
200
200
200
200
100
100
100
100
1,000
1,000
1,000
1,000
800
800
800
500
500
400
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
Long Lead type
Taping Ammo pack type - style
MMW-HP
♦ALLOWABLE CURRENT FOR FREQUENCY
Frequency(kHz)
100MMW-HP
Frequency(kHz)
450MMW-HP
Frequency(kHz)
250MMW-HP
0
1
2
3
4
5
6
7
8
10
1
100
1000
156
126
106
825
685
565
475
225
185
155
125
105
824
684
564
474
394
334
274
224
184
0
1
2
3
4
5
6
7
8
10
1
100
1000
335
275
225
185
155
125
105
824
684
564
474
394
334
274
224
184
0
1
2
3
4
5
10
100
1000
Frequency(kHz)
630MMW-HP
105
824
684
564
474
394
334
274
224
184
10
100
1000
0
1
2
3
4
5
6


Similar Part No. - 400MMW334KHPY7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400MMB103JTC RUBYCON-400MMB103JTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
400MMB103JTX RUBYCON-400MMB103JTX Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
400MMB103KTC RUBYCON-400MMB103KTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
400MMB105JTC RUBYCON-400MMB105JTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
400MMB105KW7TC RUBYCON-400MMB105KW7TC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
More results

Similar Description - 400MMW334KHPY7

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com