Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4460BG Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U4460BG
Description  Video IF Amplifier with FPLL Demodulation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4460BG Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U4460BG Datasheet HTML 1Page - TEMIC Semiconductors U4460BG Datasheet HTML 2Page - TEMIC Semiconductors U4460BG Datasheet HTML 3Page - TEMIC Semiconductors U4460BG Datasheet HTML 4Page - TEMIC Semiconductors U4460BG Datasheet HTML 5Page - TEMIC Semiconductors U4460BG Datasheet HTML 6Page - TEMIC Semiconductors U4460BG Datasheet HTML 7Page - TEMIC Semiconductors U4460BG Datasheet HTML 8Page - TEMIC Semiconductors U4460BG Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TELEFUNKEN Semiconductors
U4460BG
Preliminary Information
Rev. A1: 15.08.1995
3 (9)
FPLL, VCO and AFC
The FPLL circuit (frequency phase locked loop) consists
of a frequency and phase detector to generate control
voltage for the VCO tuning. In the locked mode the VCO
is controlled by the phase detector and in unlocked mode
the frequency detector is superimposed. The VCO
operates with an external resonance circuit (L and C par-
allel) and is controlled by internal varicaps. The VCO
control voltage is also converted to a current and
represents the AFC output signal at Pin 23.
A practicable VCO alignment of the external coil is the
adjustment to zero AFC output current at Pin 23. At centre
frequency the AFC output current is equal to zero. The
optional potentiometer at Pin 27 allows an offset
compensation of the VCO phase for improved sound
quality (fine adjustment). Without a potentiometer (open
circuit at Pin 27) this offset compensation is not active.
The oscillator signal passes a phase shifter and supplies
the in–phase signal (0) and the quadrature signal (90) of
the generated picture carrier.
Video demodulation and amplifier
The video IF signal, which is applied from the gain
controlled IF amplifier, is multiplied with the inphase
component of the VCO signal. The video demodulator is
designed for low distortion and large bandwidth. The
demodulator output signal passes an integrated low pass
filter for attenuation of the residual vision carrier and is
fed to the video amplifier. The video amplifier is realized
by an operational amplifier with internal feedback and 8
MHz bandwidth (–3dB). The video signal is fed to VIF–
AGC and to the video output buffer. This amplifier with
6dB gain offers easy adaption of the sound trap. For
nominal video IF modulation the video output signal at
Pin 13 is 2 V (peak to peak value).
Internal voltage stabilizer
The
internal
bandgap
reference
ensures
constant
performance
independant
of
supply
voltage
and
temperature.
Absolute maximum values
Reference point pin 3 (8, 17), unless otherwise specified
Parameters
Symbol
Value
Unit
Supply voltage
Pin 24
Vs
9.0
V
Supply current
Pin 24
Is
85
mA
Power dissipation, Vs = + 9 V
P
765
mW
Output currents
Pin 13
Iout
5
mA
External voltages
Pin 5, 6, 7, 11, 13, 18,
19, 27
Vext
+ 4.5
V
Pin 20,21
+ 3.5
V
Pin 12
+ 13.5
V
Pin 20,23
Vs
V
Junction temperature
Tjunc
+125
°C
Storage temperature
Tstor
–25 to +125
°C
Electrostatic handling *)
all pins
VESD
t.b.f.
V
*) Equivalent to discharging a 200 pF capacitor through a 0 resistor
Operating range
Parameters
Symbol
Value
Unit
Supply voltage range
Pin25
Vs
4.5 to 9.0
V
Ambient temperature
Tamb
0 to +85
°C


Similar Part No. - U4460BG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4468B ATMEL-U4468B Datasheet
188Kb / 11P
   Quasi-split Sound Circuit and AM Demodulator IC
More results

Similar Description - U4460BG

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
logo
Siemens Semiconductor G...
TDA6050-5 SIEMENS-TDA6050-5 Datasheet
269Kb / 10P
   Video IF with FPLL, MAC State
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
National Semiconductor ...
TDA440 NSC-TDA440 Datasheet
202Kb / 4P
   TDA440 Video IF Amplifier
TBA440C NSC-TBA440C Datasheet
106Kb / 2P
   Monolithic Video IF Amplifier
logo
STMicroelectronics
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
   VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
NTE Electronics
NTE1413 NTE-NTE1413 Datasheet
27Kb / 3P
   Integrated Circuit Video IF Amplifier
logo
Siemens Semiconductor G...
TDA5931-65 SIEMENS-TDA5931-65 Datasheet
297Kb / 13P
   Video IF Amplifier and Demodulator with Full-SCART
logo
NTE Electronics
NTE1128 NTE-NTE1128 Datasheet
22Kb / 2P
   Integrated Circuit TV Video IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com