Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC3851A-12C Datasheet(PDF) 2 Page - Picker Components

Part # PC3851A-12C
Description  Slimline Power PCB Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC3851A-12C Datasheet(HTML) 2 Page - Picker Components

  PC3851A-12C Datasheet HTML 1Page - Picker Components PC3851A-12C Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC385
PC385
COIL DATA
Coil Voltage
6
9
12
48
Resistance ohms
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
68
155
270
620
1080
4400
4.50
6.75
9.00
13.5
18.0
36.0
0.30
0.45
0.60
0.90
1.20
2.40
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Dimensions in Inches (millimeters)
Side View
End View
18
24
+ 10%
Standard Coil
Sensitive Coil
145
325
575
1300
2310
9210
0.53 W
0.25 W
5
47
100
3.75
0.25
Bottom View
PC Board Layout
Wiring Diagram
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A Unused Pin is Omitted
(10.5)
.413
(24.5)
.965
(25.0)
.984
(4.0)
.016
(7.5)
.295
(16.5)
.650
(3.5)
.138
(3.5)
.138
.051 (1.3) Dia.
5 Places


Similar Part No. - PC3851A-12C

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC384 PICKER-PC384 Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
PC3841A-12C PICKER-PC3841A-12C Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
PC3841A-12S PICKER-PC3841A-12S Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
PC3841C-12C PICKER-PC3841C-12C Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
PC3841C-12S PICKER-PC3841C-12S Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
More results

Similar Description - PC3851A-12C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCN MACOM-PCN_09 Datasheet
192Kb / 2P
   Slimline PCB Relay PCN
2-1393236-1 MACOM-2-1393236-1 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
V23092-A1905-A301 MACOM-V23092-A1905-A301 Datasheet
351Kb / 3P
   Slimline PCB Relay SNR
SNR MACOM-SNR_09 Datasheet
242Kb / 3P
   Slimline PCB Relay SNR
2-1393236-2 MACOM-2-1393236-2 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
2-1393236-4 MACOM-2-1393236-4 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
V23092 MACOM-V23092 Datasheet
475Kb / 3P
   Slimline PCB Relay SNR
2-1393236-5 MACOM-2-1393236-5 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com