Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC5171C-12SC Datasheet(PDF) 1 Page - Picker Components

Part # PC5171C-12SC
Description  Automotive Subminiature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC5171C-12SC Datasheet(HTML) 1 Page - Picker Components

  PC5171C-12SC Datasheet HTML 1Page - Picker Components PC5171C-12SC Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive Subminiature PCB Power Relay
FEATURES
15 Amp continuous current capacity
Up to 60 amp switching capacity
Four different contact materials available
Six different contact forms
Designed for high inrush applications
UL Class F insulation standard
PC517
Dust cover or sealed version available
Form
Max Switching Current
Minimum Load
1 Form A
60 Amps
20 Amps
1 Form B
12 Amps
10 Amps
10 Amps
1 Form C (DPDT)
NO
NC
CONTACT RATINGS
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgNiO 15 (Silver Nickel Oxide 15%), AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
2 X 105
15 Amps
Operations
Operations
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
(SPST NC)
PC517 Rev B 4-14-04
PAGE 1
(SPST NO)
Make
Motor
60 Amps
20 Amps
15 Amps
12 Amps
10 Amps
10 Amps
.05 Amps @ 5 VDC
1 Form U
1 Form V
1 Form W (SPDT-DB-DM)
2 X 40 Amps
2 X 20 Amps
2 X 10 Amps
2 X 8 Amps
2 X 7 Amps
2 X 7 Amps
NO
NC
2 X 30 Amps
2 X 15 Amps
2 X 7 Amps
2 X 5 Amps
2 X 5 Amps
2 X 5 Amps
(SPST-NO-DM) (SPST-NC-DB)
Max. Continuous Current
See curve page 2, current dependant
Max. Switching Voltage
CHARACTERISTICS
Operate Time
3 ms. typical
Release Time
Insulation Resistance
1.5 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
500 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5 mm, 20 - 200 Hz functional
Power Consumption
1.1 W approx.
Ambient Temperature Range
-40 to 85 degrees C operating, -40 to 155 storage
Weight
Open: 8 grams; Enclosed: 12 grams approx.
Drop Resistance
1 Meter height drop on concrete in final enclosure
COIL DATA
Coil Voltage
6
12
Resistance
ohms
Must Operate Voltage Max.
(VDC)
Must Release Voltage Min.
(VDC)
28
130
520
0.35
1.40
0.7
2.8
24
+ 10%
Allowable
Voltage Max
(VDC)
A, B, C, U, V
W
B, V
A, C, U, W
1.4
0.70
8
31
16
4.5
18.0
9.0
3.75
15.0
7.50


Similar Part No. - PC5171C-12SC

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
   Automotive Subminiature PCB Power Relay
PC517 PICKER-PC517_17 Datasheet
582Kb / 2P
   Automotive Subminiature PCB Power Relay
More results

Similar Description - PC5171C-12SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
   Automotive Subminiature PCB Power Relay
PC635 PICKER-PC635 Datasheet
187Kb / 2P
   Subminiature Automotive PCB Power Relay
PC517 PICKER-PC517_17 Datasheet
582Kb / 2P
   Automotive Subminiature PCB Power Relay
PC236A PICKER-PC236A Datasheet
178Kb / 2P
   Subminiature Automotive PCB Power Relay
logo
List of Unclassifed Man...
HG4181 ETC1-HG4181 Datasheet
53Kb / 2P
   Automotive Subminiature PCB Power Relay
logo
Sanyou Corporation Limi...
SARK SANYOU-SARK Datasheet
212Kb / 3P
   Subminiature PCB Automotive Relay
logo
List of Unclassifed Man...
G8SN ETC-G8SN Datasheet
39Kb / 2P
   SubMiniature Automotive PCB Relay
logo
Picker Components
PC558 PICKER-PC558 Datasheet
174Kb / 2P
   Subminiature Automotive PCB Twin Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com