Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9FG107YGLNT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9FG107YGLNT
Description  Programmable FTG for Differential CPU, PCI Express & SATA Clocks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG107YGLNT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9FG107YGLNT Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG107YGLNT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS9FG107
0863C—11/22/04
ICS9FG107 is a Frequency Timing Generator that provides 7 differential output pairs that are compliant to the Intel CK409/
CK410 specification. It provides support for PCI-Express, next generation I/O, and SATA. The part synthesizes several output
frequencies from either a 14.31818 Mhz crystal or a 25 MHz crystal. The device can also be driven by a reference input clock
instead of a crystal. It provides outputs with cycle-to-cycle jitter of less than 85 ps and output-to-output skew of less than 85 ps.
ICS9FG107 also provides a copy of the reference clock and 3 33 MHz PCI output clocks. Frequency selection can be
accomplished via strap pins or SMBus control.
General Description
Block Diagram
Power Groups
I REF
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
X2
XIN/CLKIN
SDATA
SCLK
REFOUT
DIF_STOP#
SEL14M_25M#
SPREAD
DWNSPRD#
OE (6:0)
FS (2:0)
Control
Logic
DIF (6:0)
DIF# (6:0)
PCICLK (1:0)
PCICLK_F
VDD
GND
34
10
6
14,19,31,36,40
15,35
N/A
47
48
47
IREF
Analog VDD & GND for PLL Core
Description
Pin Number
REFOUT, Digital Inputs, SMBus
DIF Outputs
PCI Outputs


Similar Part No. - ICS9FG107YGLNT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG107YFLFT IDT-ICS9FG107YFLFT Datasheet
225Kb / 18P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Renesas Technology Corp
ICS9FG107YFLFT RENESAS-ICS9FG107YFLFT Datasheet
366Kb / 19P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
logo
Integrated Device Techn...
ICS9FG107YFLNT IDT-ICS9FG107YFLNT Datasheet
225Kb / 18P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
More results

Similar Description - ICS9FG107YGLNT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
   Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Renesas Technology Corp
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
logo
Integrated Circuit Syst...
ICS9FG110 ICST-ICS9FG110 Datasheet
19Kb / 1P
   Programmable FTG for Differential PCI-Express
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
795Kb / 33P
   Ten 100MHz clocks for PCI Express
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com