Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9FG107YFLNT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9FG107YFLNT
Description  Programmable FTG for Differential CPU, PCI Express & SATA Clocks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG107YFLNT Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9FG107YFLNT Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 9Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 10Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS9FG107
0863C—11/22/04
Electrical Characteristics - PCICLK/PCICLK_F
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
33.33MHz output nominal
29.99100
30.00900
ns
2
33.33MHz output spread
29.99100
30.15980
ns
2
33.33MHz output nominal
29.49100
30.50900
ns
2
33.33MHz output spread
29.49100
30.65980
ns
2
Clk High Time
th1
12
N/A
ns
1
Clock Low Time
tl1
12
N/A
ns
1
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
V OH @MIN = 1.0 V
-33
mA
VOH@ MAX = 3.135 V
-33
mA
VOL @ MIN = 1.95 V
30
mA
VOL @ MAX = 0.4 V
38
mA
Edge Rate
Rising edge rate
1
4
V/ns
1
Edge Rate
Falling edge rate
1
4
V/ns
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.4
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.4
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Skew
tsk1
VT = 1.5 V
500
ps
1
Jitter
tjcyc-cyc
VT = 1.5 V
250
ps
1
1Guaranteed by design, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at
14.31818MHz or 25 MHz
Clock period
Tperiod
Output High Current
IOH
Output Low Current
IOL
Absolute Min/Max Clock
period
Tabs
Electrical Characteristics - REF-14.318/25 MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBO
L
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
0
300
ppm
1
14.318MHz output nominal
69.8270 69.8413 69.8550
ns
1,2
25.000MHz output nominal
39.9880 40.0000 40.0120
ns
1,2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Output High Current
IOH
VOH @MIN = 1.0 V,
VOH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
IOL
VOL @MIN = 1.95 V,
VOL @MAX = 0.4 V
29
27
mA
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
1
1.6
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
1
1.6
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Jitter
tjcyc-cyc
VT = 1.5 V
160
250
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818 or 25.00 MHz
Clock period
Tperiod


Similar Part No. - ICS9FG107YFLNT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG107YFLNT IDT-ICS9FG107YFLNT Datasheet
225Kb / 18P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
More results

Similar Description - ICS9FG107YFLNT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
   Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Renesas Technology Corp
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
logo
Integrated Circuit Syst...
ICS9FG110 ICST-ICS9FG110 Datasheet
19Kb / 1P
   Programmable FTG for Differential PCI-Express
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
795Kb / 33P
   Ten 100MHz clocks for PCI Express
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com