Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9FG107YFLNT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9FG107YFLNT
Description  Programmable FTG for Differential CPU, PCI Express & SATA Clocks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG107YFLNT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9FG107YFLNT Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG107YFLNT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS9FG107
0863C—11/22/04
Pin Description (Continued)
PIN
#
PIN NAME
PIN TYPE
DESCRIPTION
25
DIF_STOP#
IN
Active low input to stop differential output clocks.
26
*SPREAD
IN
Asynchronous, active high input, with internal 120Kohm pull-up
resistor, to enable spread spectrum functionality.
27
**SEL14M_25M#
IN
Select 14.31818 MHz or 25 Mhz input frequency. 1 = 14.31818 MHz,
0 = 25 MHz
28
*OE_3
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
29
DIF_3#
OUT
0.7V differential complement clock outputs
30
DIF_3
OUT
0.7V differential true clock outputs
31
VDD
PWR
Power supply, nominal 3.3V
32
DIF_2#
OUT
0.7V differential complement clock outputs
33
DIF_2
OUT
0.7V differential true clock outputs
34
**OE_2
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
35
GND
PWR
Ground pin.
36
VDD
PWR
Power supply, nominal 3.3V
37
**OE_1
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
38
DIF_1#
OUT
0.7V differential complement clock outputs
39
DIF_1
OUT
0.7V differential true clock outputs
40
VDD
PWR
Power supply, nominal 3.3V
41
DIF_0#
OUT
0.7V differential complement clock outputs
42
DIF_0
OUT
0.7V differential true clock outputs
43
*OE_0
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
44
**FS1
I/O
Frequency select latch input pin / 3.3V 66.66MHz clock output.
45
*DWNSPRD#
IN
3.3V input that selects spread mode. This input is not latched at
power up.
0 = Down Spread, 1 = Center Spread
46
IREF
OUT
This pin establishes the reference current for the differential current-
mode output pairs. This pin requires a fixed precision resistor tied to
ground in order to establish the appropriate current. 475 ohms is the
standard value.
47
GNDA
PWR
Ground pin for the PLL core.
48
VDDA
PWR
3.3V power for the PLL core.
Pins preceeded by * have 120 Kohm pull DOWN resistors
Pins preceeded by ** have 120 Kohm pull UP resistors


Similar Part No. - ICS9FG107YFLNT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG107YFLNT IDT-ICS9FG107YFLNT Datasheet
225Kb / 18P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
More results

Similar Description - ICS9FG107YFLNT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
   Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Renesas Technology Corp
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
logo
Integrated Circuit Syst...
ICS9FG110 ICST-ICS9FG110 Datasheet
19Kb / 1P
   Programmable FTG for Differential PCI-Express
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
795Kb / 33P
   Ten 100MHz clocks for PCI Express
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com