Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100MMW565MHP Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 100MMW565MHP
Description  METALLIZED POLYESTER FILM CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

100MMW565MHP Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  100MMW565MHP Datasheet HTML 1Page - RUBYCON CORPORATION 100MMW565MHP Datasheet HTML 2Page - RUBYCON CORPORATION 100MMW565MHP Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
♦OUTLINE(mm)
Blank
E7,H7,Y7,17
Symbol
100
200
400
450
630
UR
100VDC
200VDC
400VDC
450VDC
630VDC
Symbol
J
K
M
Tolerance
± 5%
±10%
±20%
Symbol
Blank
E7
H7
Y7
17
Lead style
Long lead type
Lead forming cut
LS=7.5
Lead forming cut
LS=10.0
Lead forming cut
LS=15.0
Symbol
S7
W7
Lead style
Lead forming cut
LS=5.0
Lead forming cut
LS=7.5
Lead forming cut
LS=22.5
S7,W7
♦SPECIFICATIONS
-40
°C~+105°C
±5%(J), ±10%(K) , ±20%(M)
0.01max at 1kHz
UR
×150% 60s
0.33
µF >= :9000MΩmin
0.33
µF < :3000ΩFmin
JIS C 5101-2, JIS C 5101-1
100VDC, 200VDC, 400VDC, 450VDC, 630VDC
Category temperature
Rated voltage (UR)
Voltage proof
Insulation resistance
Reference standard
Capacitance tolerance
tan
δ
(Derate the voltage as shown in the Fig2 at P188 when using the capacitor beyond 85
°C.)
METALLIZED POLYESTER FILM CAPACITORS
MMW-HP
SERIES
MMW-HP
♦FEATURES
High current application.
For applications where high frequency, high current are required.
Coated with flame-retardant (UL94 V-0) epoxy resin.
♦PART NUMBER
Rated Voltage
MMW
Series
HP
Sub mark
Suffix
Rated capacitance
Tolerance


Similar Part No. - 100MMW565MHP

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
100MMB105JTC RUBYCON-100MMB105JTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
100MMB105KTC RUBYCON-100MMB105KTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
100MMB125JTC RUBYCON-100MMB125JTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
100MMB125KTC RUBYCON-100MMB125KTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
100MMB155JTC RUBYCON-100MMB155JTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
More results

Similar Description - 100MMW565MHP

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com