Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

125MMBA105ME7TC Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 125MMBA105ME7TC
Description  METALLIZED POLYESTER FILM CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

125MMBA105ME7TC Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  125MMBA105ME7TC Datasheet HTML 1Page - RUBYCON CORPORATION 125MMBA105ME7TC Datasheet HTML 2Page - RUBYCON CORPORATION 125MMBA105ME7TC Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC
TX, TH TL, TJ
TN
TS
TC
TX, TH TL, TJ
TN
TS
◆RATED VOLTAGE:125VAC
◆DIMENTIONS AND QUANTITY
: Tolerance(K:±10%, M:±20%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
125MMBA103 **
125MMBA123 **
125MMBA153 **
125MMBA183 **
125MMBA223 **
125MMBA273 **
125MMBA333 **
125MMBA393 **
125MMBA473 **
125MMBA563 **
125MMBA683 **
125MMBA823 **
125MMBA104 **
125MMBA124 **
125MMBA154 **
125MMBA184 **
125MMBA224 **
125MMBA274 **
125MMBA334 **
125MMBA394 **
125MMBA474 **
125MMBA564 **
125MMBA684 **
125MMBA824 **
125MMBA105 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
AB, D
C
E
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
17.5
17.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
6.0
6.0
6.0
6.5
6.0
6.0
6.5
6.5
6.5
6.0
6.5
7.0
7.5
7.5
8.0
7.5
8.0
9.5
9.5
9.5
9.5
9.5
9.5
9.5
10.0
10.5
11.0
12.5
13.0
9.0
9.0
10.0
11.0
11.5
11.5
12.0
12.5
13.5
15.0
15.5
14.0
15.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
100
100
6,000
6,000
6,000
6,000
6,000
6,000
6,000
5,000
5,000
4,000
4,000
4,000
6,000
6,000
5,000
5,000
4,000
4,000
3,000
3,000
2,000
2,000
2,000
2,000
1,500
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
500
500
400
400
400
400
400
400
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
Long Lead type
Taping Ammo pack type - style
◆RATED VOLTAGE:250VAC
: Tolerance(K:±10%, M:±20%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
250MMBA103 **
250MMBA123 **
250MMBA153 **
250MMBA183 **
250MMBA223 **
250MMBA273 **
250MMBA333 **
250MMBA393 **
250MMBA473 **
250MMBA563 **
250MMBA683 **
250MMBA823 **
250MMBA104 **
250MMBA124 **
250MMBA154 **
250MMBA184 **
250MMBA224 **
250MMBA274 **
250MMBA334 **
250MMBA394 **
250MMBA474 **
250MMBA564 **
250MMBA684 **
250MMBA824 **
250MMBA105 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
AB, D
C
E
S
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
25.5
25.5
25.5
25.5
25.5
25.5
31.0
31.0
5.0
5.5
6.0
6.0
5.5
5.5
5.5
6.0
6.5
5.5
6.0
6.0
6.0
7.0
7.5
8.0
9.0
7.0
8.0
8.5
9.0
9.0
10.3
9.8
11.0
9.0
9.5
10.0
10.0
9.5
11.0
11.0
11.5
12.0
11.0
11.0
11.5
13.0
13.5
14.5
15.0
15.5
16.0
16.5
17.0
18.0
20.0
21.0
20.5
22.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
22.5
27.5
27.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
22.5
22.5
22.5
22.5
22.5
22.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
200
200
200
200
200
200
200
200
200
100
100
100
100
100
100
100
50
200
200
200
200
100
100
100
5,000
5,000
4,000
4,000
4,000
4,000
4,000
4,000
3,000
3,000
3,000
3,000
2,000
2,000
1,500
1,500
1,500
1,500
1,000
1,000
800
800
500
500
500
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
400
400
400
400
300
S
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
400
400
500
500
500
500
500
500
500
500
500
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
Long Lead type
Taping Ammo pack type - style
METALLIZED POLYESTER FILM CAPACITORS
MMBA
Note) 1. Operating circuit (Fig.1, Fig.2)
    2. When operating capacitor for noise suppression, voltage of pulse applied to the capacitor shall be within
value specified in Table 1.
Rated Voltage
Table 1
Fig.2
Fig.1
Pulse Voltage
125VAC
250Vo-p
250VAC
630Vo-p
Z
Z
~
~


Similar Part No. - 125MMBA105ME7TC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
125M09-660 COOPER-125M09-660 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
125M13 COOPER-125M13 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
125M14-660 COOPER-125M14-660 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
125M23 COOPER-125M23 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Illinois Capacitor, Inc...
125MABA01KH ILLINOISCAPACITOR-125MABA01KH Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
More results

Similar Description - 125MMBA105ME7TC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com