Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400AXF100M30X20 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 400AXF100M30X20
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400AXF100M30X20 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  400AXF100M30X20 Datasheet HTML 1Page - RUBYCON CORPORATION 400AXF100M30X20 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
10
16
25
35
50
63
80
100
WV
39
47
27
33
56
68
82
100
120
150
400
420
450
20×20
20×20
22×20
25×20
25×20
30×20
20×20
20×20
22×20
25×20
25×20
30×20
20×20
22×20
22×20
25×20
30×20
20×20
22×20
25×20
25×20
30×20
20×20
22×20
22×20
25×20
30×20
20×20
22×20
22×20
25×20
25×20
20×20
20×20
22×20
25×20
25×20
20×20
20×20
30×20
20×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
22×20
22×20
25×20
30×20
30×20
35×20
35×20
0.60
0.71
0.78
0.95
1.09
1.32
0.65
0.70
0.84
1.04
1.19
1.44
0.83
0.99
1.10
1.20
1.47
0.87
1.02
1.15
1.34
1.60
0.80
0.94
1.04
1.29
1.45
0.98
1.08
1.29
1.58
1.61
1.06
1.25
1.38
1.68
1.80
0.98
1.16
6800
22×20 1.31
8200
25×20 1.59
10000
25×20 1.77
1.52
0.26
0.30
0.36
0.41
0.43
0.50
0.53
0.61
0.30
0.34
0.38
0.45
0.48
0.53
0.58
0.70
0.34
0.39
0.40
0.49
0.55
0.60
0.75
0.80
◆STANDARD SIZE, RATED RIPPLE CURRENT
Cap(μF)
Cap(μF)
WV
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
160
180
200
220
250
315
350
385
20×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
20×20
22×20
25×20
25×20
30×20
35×20
35×20
20×20
22×20
22×20
25×20
30×20
30×20
35×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
35×20
20×20
22×20
25×20
25×20
30×20
30×20
35×20
35×20
35×20
0.35
0.38
0.42
0.50
0.52
0.61
0.64
0.80
0.38
0.40
0.45
0.54
0.57
0.65
0.78
0.85
0.41
0.48
0.51
0.57
0.65
0.70
0.85
0.59
0.65
0.74
0.77
0.95
1.00
1.16
0.60
0.63
0.70
0.80
0.85
1.02
1.12
1.25
0.66
0.80
0.87
0.95
1.15
1.20
1.41
0.66
0.80
0.90
0.95
1.15
1.20
1.36
1.43
0.69
0.81
0.98
1.02
1.25
1.30
1.46
1.51
0.90
Cap(μF)
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF


Similar Part No. - 400AXF100M30X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400AX6.8MEFC8X10.8 RUBYCON-400AX6.8MEFC8X10.8 Datasheet
179Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400AXW100M16X35 RUBYCON-400AXW100M16X35 Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
400AXW100M18X30 RUBYCON-400AXW100M18X30 Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
400AXW120M16X40 RUBYCON-400AXW120M16X40 Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
400AXW120M18X35 RUBYCON-400AXW120M18X35 Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 400AXF100M30X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com