Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16MH722M5X7 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 16MH722M5X7
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

16MH722M5X7 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  16MH722M5X7 Datasheet HTML 1Page - RUBYCON CORPORATION 16MH722M5X7 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
MH7
SERIES
MH7
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
6.3∼50V.DC
±20%(20℃,120Hz)
I
=0.01CV or 3μA whichever is greater.       
(After 2 minutes application of rated voltage)
I
Leakage Current(μA)     C=Rated Capacitance(μF)     V=Rated Voltage(V)
Rated Voltage
(V)
tanδ
0.24
6.3
0.20
10
0.16
16
0.14
25
0.12
35
0.10
50
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
6
6.3
5
10
4
16
3
25
3
35
3
50
322222
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 1000 hrs at 105℃, the capacitors shall meet the following requirements.
105℃ 7mm Height.
◆FEATURES
RoHS compliance.
(20℃,120Hz)
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
MH7
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
Capacitance Tolerance
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.50
1.0
1.20
1.30
1.50
0.65
0.1∼1μF
2.2∼4.7μF
1.0
1.20
1.30
1.50
0.8
10∼47μF
1.0
1.20
1.30
1.50
0.8
100μF
1.0
1.10
1.15
1.20
MH7
ML
Long Life


Similar Part No. - 16MH722M5X7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
16MH722MEFC5X7 RUBYCON-16MH722MEFC5X7 Datasheet
157Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 16MH722M5X7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com