Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450BXA33M18X25 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 450BXA33M18X25
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

450BXA33M18X25 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  450BXA33M18X25 Datasheet HTML 1Page - RUBYCON CORPORATION 450BXA33M18X25 Datasheet HTML 2Page - RUBYCON CORPORATION 450BXA33M18X25 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
BXA
SERIES
BXA
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−25∼+105℃
160∼450V.DC
±20%(20℃,120Hz)
I
=0.02CV+25μA (After 5 minutes application of rated voltage)
I
=0.04CV+100μA (After 1 minute application of rated voltage)
I
Leakage Current(μA)     C=Rated Capacitance(μF)     V=Rated Voltage(V)
Rated Voltage
(V)
tanδ
0.15
160
0.15
200
0.15
250
0.20
350
0.20
400
0.20
450
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated ripple current at conditions stated in the table below, the capacitors shall meet the following requirements.
Frequency
(Hz)
Coefficient
1k
10k
100k≦
0.80
0.90
120
0.50
1.00
(20℃,120Hz)
(120Hz)
Load Life:105℃ 12000 Hours.(φ10:10000 Hours)
◆FEATURES
High Ripple Current
For Electronic Ballast, Power Supply
RoHS compliance.
Case Dia
φD=10
φD≧12.5
Life Time
(hrs)
10000
12000
Rated Voltage
(V)
Z(−25℃)/Z(20℃)
160 200 250 350 400
33366
450
6
◆PART NUMBER
□□□
Rated Voltage
BXA
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
Capacitance Tolerance


Similar Part No. - 450BXA33M18X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
450BXC10M12.5X20 RUBYCON-450BXC10M12.5X20 Datasheet
49Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
450BXC10MEFC10X20 RUBYCON-450BXC10MEFC10X20 Datasheet
163Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
450BXC15M12.5X25 RUBYCON-450BXC15M12.5X25 Datasheet
49Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
450BXC22M16X20 RUBYCON-450BXC22M16X20 Datasheet
49Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
450BXC22MEFC12.5X25 RUBYCON-450BXC22MEFC12.5X25 Datasheet
163Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 450BXA33M18X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com