Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XN4604 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XN4604
Description  Silicon NPN(PNP) epitaxial planer transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN4604 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XN4604 Datasheet HTML 1Page - Panasonic Semiconductor XN4604 Datasheet HTML 2Page - Panasonic Semiconductor XN4604 Datasheet HTML 3Page - Panasonic Semiconductor XN4604 Datasheet HTML 4Page - Panasonic Semiconductor XN4604 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
XN04604
2
SJJ00084BED
• Tr2
■ Electrical Characteristics T
a = 25°C ± 3°C
• Tr1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−15
V
Collector-emitter voltage (Base open)
VCEO
IC = −1 mA, IB = 0
−10
V
Emitter-base voltage (Collector open)
VEBO
IE
= −10 µA, I
C
= 0
−7V
Collector-base cutoff current (Emitter open)
ICBO
VCB = −10 V, IE = 0
− 0.1
µA
Forward current transfer ratio *
hFE1
VCE = −2 V, IC = − 0.5 A
100
350
hFE2
VCE
= −2 V, I
C
= −1 A
60
Collector-emitter saturation voltage
VCE(sat)
IC = − 0.4 A, IB = −8 mA
− 0.16 − 0.30
V
Base-emitter saturation voltage
VBE(sat)
IC = − 0.4 A, IB = −8 mA
− 0.8
−1.2
V
Transition frequency
fT
VCB
= −10 V, I
E
= 50 mA, f = 200 MHz
130
MHz
Collector output capacitance
Cob
VCB
= −10 V, I
E
= 0, f = 1 MHz
22
pF
(Common base, input open circuited)
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Pulse measurement
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *1: Pulse measurement
*2: Ron test circuit
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 025
V
Collector-emitter voltage (Base open)
VCEO
IC
= 1 mA, I
B
= 020
V
Emitter-base voltage (Collector open)
VEBO
IE = 10 µA, IC = 012
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 25 V, IE = 0
0.1
µA
Forward current transfer ratio *
1
hFE1
VCE
= 2 V, I
C
= 0.5 A
200
800
hFE2
VCE = 2 V, IC = 1 A
60
Collector-emitter saturation voltage *
1
VCE(sat)
IC = 0.5 A, IB = 20 mA
0.13
0.40
V
Base-emitter saturation voltage *
1
VBE(sat)
IC
= 0.5 A, I
B
= 20 mA
1.2
V
Transition frequency
fT
VCB = 10 V, IE = −50 mA, f = 200 MHz
200
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
10
pF
(Common base, input open circuited)
ON resistance *
2
Ron
1.0
VV
1 k
Ron =
VB × 1 000
(
Ω)
VA − VB
f
= 1 kHz
V
= 0.3 V
VB
IB = 1 mA
V
A


Similar Part No. - XN4604

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN4601 PANASONIC-XN4601 Datasheet
60Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
XN4608 PANASONIC-XN4608 Datasheet
53Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XN4609 PANASONIC-XN4609 Datasheet
63Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
More results

Similar Description - XN4604

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN1601 PANASONIC-XN1601 Datasheet
60Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XN4314 PANASONIC-XN4314 Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP0431N PANASONIC-XP0431N Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP4401 PANASONIC-XP4401 Datasheet
42Kb / 3P
   Silicon NPN(PNP) epitaxial planer transistor
XP1C301 PANASONIC-XP1C301 Datasheet
56Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XN04A88 PANASONIC-XN04A88 Datasheet
51Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XN4381 PANASONIC-XN4381 Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP4312 PANASONIC-XP4312 Datasheet
110Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
XP4654 PANASONIC-XP4654 Datasheet
60Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP1B301 PANASONIC-XP1B301 Datasheet
56Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XP4314 PANASONIC-XP4314 Datasheet
109Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com